Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN239CBZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIN239CBZ-T
Description  5V Powered RS-232 Transmitters/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN239CBZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIN239CBZ-T Datasheet HTML 4Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 5Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 6Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 7Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 8Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 9Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 10Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 11Page - Intersil Corporation HIN239CBZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) < VCC < 6V
V+ to Ground (Note 2) . . . . . . . . . . . . . . . (VCC -0.3V) < V+ < 13.2V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . -12V < V- < (GND +0.3V)
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V < VIN < (V+ +0.3V)
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VTXOUT < (V+ +0.3V)
ROUT . . . . . . . . . . . . . . . . . (GND -0.3V) < VRXOUT < (V+ +0.3V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
Operating Conditions
Temperature Range
HIN2XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
HIN2XXIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
16 Ld PDIP Package*. . . . . . . . . . . . . . . . . . . . . . . .
90
24 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . .
70
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
100
24 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
75
28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
70
28 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
95
44 Ld MQFP Package . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC, SSOP, MQFP - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2. Only HIN239. For V+ > 11V, C1 must be
≤0.1µF.
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, TA = Operating Temperature Range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENTS
Power Supply Current, ICC
No Load,
TA = 25
oC
HIN232
-
5
10
mA
HIN236-HIN238, HIN240-HIN241
-
7
15
mA
HIN239
-
0.4
1
mA
V+ Power Supply Current, ICC
No Load, TA = 25
oC
No Load,
TA = 25
oC
HIN239
-
5.0
15
mA
Shutdown Supply Current, ICC(SD)
TA = 25
oC-
1
10
µA
LOGIC AND TRANSMITTER INPUTS, RECEIVER OUTPUTS
Input Logic Low, VlL
TIN, EN, Shutdown
-
-
0.8
V
Input Logic High, VlH
TIN
2.0
-
-
V
EN, Shutdown
2.4
-
-
V
Transmitter Input Pullup Current, IP
TIN = 0V
-
15
200
µA
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 1.6mA
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1.0mA
3.5
4.6
-
V
RECEIVER INPUTS
RS-232 Input Voltage Range VIN
-30
-
+30
V
Receiver Input Impedance RIN
VIN = ±3V
3.0
5.0
7.0
k
Receiver Input Low Threshold, VlN (H-L)
VCC = 5V, TA = 25
oC0.8
1.2
-
V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V, TA = 25
oC-
1.7
2.4
V
Receiver Input Hysteresis VHYST
0.2
0.5
1.0
V
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241


Similar Part No. - HIN239CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN239CBZ INTERSIL-HIN239CBZ Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN239CBZ RENESAS-HIN239CBZ Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN239CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com