Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0539-5 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI1-0539-5
Description  Precision, 4-Channel, Low-Level, Differential Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0539-5 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI1-0539-5 Datasheet HTML 4Page - Intersil Corporation HI1-0539-5 Datasheet HTML 5Page - Intersil Corporation HI1-0539-5 Datasheet HTML 6Page - Intersil Corporation HI1-0539-5 Datasheet HTML 7Page - Intersil Corporation HI1-0539-5 Datasheet HTML 8Page - Intersil Corporation HI1-0539-5 Datasheet HTML 9Page - Intersil Corporation HI1-0539-5 Datasheet HTML 10Page - Intersil Corporation HI1-0539-5 Datasheet HTML 11Page - Intersil Corporation HI1-0539-5 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Provide Path For IBIAS
The input bias current for any DC-coupled amplifier must
have an external path back to the amplifier’s power supply.
No such path exists in Figure 8A, and consequently the
amplifier output will remain in saturation.
A single large resistor (1M
Ω to 10MΩ) from either signal line
to power supply common will provide the required path, but a
resistor on each line is necessary to preserve accuracy. A
single pair of these bias current resistors on the HI-539
output may be used if their loading effect can be tolerated
(each forms a voltage divider with rON). Otherwise, a resistor
pair on each input channel of the multiplexer is required.
The use of bias current resistors is acceptable only if one is
confident that the sum of signal plus common-mode voltage
will remain within the input range of the multiplexer/amplifier
combination.
Another solution is to simply run a third wire from the low
side of the signal source, as in Figure 8B. This wire assures
a low common-mode voltage as well as providing the path
for bias currents. Making the connection near the multiplexer
will save wire, but it will also unbalance the line and reduce
the amplifier's common-mode rejection.
Differential Offset,
∆VOS
There are two major sources of
∆VOS. That part due to the
expression (rON ∆lD(ON) + lD(ON) ∆rON) becomes significant
with increasing temperature, as shown in the Electrical
Specifications tables. The other source of offset is the
thermocouple effects due to dissimilar materials in the signal
path. These include silicon, aluminum, tin, nickel-iron and
(often) gold, just to exit the package.
For the thermocouple effects in the package alone, the
constraint on
∆VOS may be stated in terms of a limit on the
difference in temperature for package pins leading to any
channel of the Hl-539. For example, a difference of 0.13oC
produces a 5
µV offset. Obviously, this ∆T effect can
dominate the
∆V
OS parameter at any temperature unless
care is taken in mounting the Hl-539 package.
Temperature gradients across the Hl-539 package should
be held to a minimum in critical applications. Locate the Hl-
539 far from heat producing components, with any air
currents flowing lengthwise across the package.
TABLE 1.
WIRE GAGE
EQUIVALENT WIDTH OF
P.C. CONDUCTOR
(2 oz. Cu)
DC RESISTANCE
PER FOOT
INDUCTANCE PER
FOOT
IMPEDANCE PER FOOT
60Hz
10kHz
18
0.47”
0.0064
0.36
µH
0.0064
0.0235
20
0.30”
0.0102
0.37
µH
0.0102
0.0254
22
0.19”
0.0161
0.37
µH
0.0161
0.0288
24
0.12”
0.0257
0.40
µH
0.0257
0.0345
26
0.075”
0.041
0.42
µH
0.041
0.0488
28
0.047”
0.066
0.45
µH
0.066
0.0718
30
0.029”
0.105
0.49
µH
0.105
0.110
32
0.018”
0.168
0.53
µH
0.168
0.171
HI-539


Similar Part No. - HI1-0539-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0539-5 INTERSIL-HI1-0539-5 Datasheet
189Kb / 11P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
July 1999
logo
Renesas Technology Corp
HI1-0539-5 RENESAS-HI1-0539-5 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
More results

Similar Description - HI1-0539-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Intersil Corporation
HI-539 INTERSIL-HI-539 Datasheet
189Kb / 11P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
July 1999
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com