Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62KN451LB Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62KN451LB
Description  Negative Voltage Regulaters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN451LB Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62KN451LB Datasheet HTML 1Page - Torex Semiconductor XC62KN451LB Datasheet HTML 2Page - Torex Semiconductor XC62KN451LB Datasheet HTML 3Page - Torex Semiconductor XC62KN451LB Datasheet HTML 4Page - Torex Semiconductor XC62KN451LB Datasheet HTML 5Page - Torex Semiconductor XC62KN451LB Datasheet HTML 6Page - Torex Semiconductor XC62KN451LB Datasheet HTML 7Page - Torex Semiconductor XC62KN451LB Datasheet HTML 8Page - Torex Semiconductor XC62KN451LB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
523
XC62K ETR0313_001.doc
CMOS Low Power Consumption
Small Dropout Voltage : 0.12V@50mA
0.38V@100mA
Maximum Output Current:100mA(VOUT=-5.0V)
Highly Accurate
2%(±1%)
Output Voltage Range :-2.1V~ -6.0V
Supply Current
:
3.0μA (VOUT=-5.0V)
SOT-23/SOT-89/TO-92/USP-6B Package
GENERAL DESCRIPTION
The XC62K series are highly precise, low power consumption,
negative voltage regulators, manufactured using CMOS and
laser trimming technologies. The series achieves high output
currents with small input-output voltage differentials, and
consists of a high precision voltage reference, an error
correction circuit, and an output driver with current limitation.
SOT-23 (150mW), SOT-89 (500mW), USP-6B (100mW) and
TO-92 (300mW) packages are available.
APPLICATIONS
Battery powered equipment
Portable & cellular phones
Various portable equipment
Power supply for GaAs applications
TYPICAL APPLICATION CIRCUIT
FEATURES
Dropout Voltage
: 0.12V@50mA (VOUT=-5.0V)
Maximum Output Current: 100mA (within MAX. power
dissipation, VOUT= -5.0V)
Output Voltage Range : -2.1V ~ -6.0V in 100mV increments
-5.0, -4.0, -3.0V, -2.5V standard
(All other voltages are semi-custom)
Highly Accurate
: Setting output voltage ±2%
(±1% for semi-custom products)
Low Power Consumption : 3.0μA @ VOUT= -5.0V (TYP.)
Output Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.)
Line Regulation
: 0.1%/V (TYP.)
Ultra Small Packages : SOT-23 (150mW) mini-mold,
SOT-89 (500mW) mini-power mold
TO-92 (300mW)
USP-6B (100mV)
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC62KN451LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN2101DB TOREX-XC62KN2101DB Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DH TOREX-XC62KN2101DH Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DL TOREX-XC62KN2101DL Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DR TOREX-XC62KN2101DR Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101LB TOREX-XC62KN2101LB Datasheet
1Mb / 17P
   Negative Voltage Regulators
More results

Similar Description - XC62KN451LB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com