Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-0506A-5Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3-0506A-5Z
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0506A-5Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3-0506A-5Z Datasheet HTML 7Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 8Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 9Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 10Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 11Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 12Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 13Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 14Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN3143.5
November 22, 2004
FIGURE 5A. SUPPLY CURRENT vs TOGGLE FREQUENCY
Similar connection for HI-507A/HI-508A/HI-509A
FIGURE 5B. TEST CIRCUIT
FIGURE 5. DYNAMIC SUPPLY CURRENT
FIGURE 6A. ACCESS TIME vs LOGIC LEVEL (HIGH)
Similar connection for HI-507A/HI-580A/HI-509A
FIGURE 6B. TEST CIRCUIT
FIGURE 6C. MEASUREMENT POINTS
FIGURE 6D. WAVEFORMS
FIGURE 6. ACCESS TIME
Test Circuits and Waveforms TA = 25oC, VSUPPLY = ±15V, VAH = 4V, VAL = 0.8V, VREF = Open,
Unless Otherwise Specified (Continued)
8
6
4
2
0
1K
TOGGLE FREQUENCY (Hz)
10K
100K
1M
10M
VSUPPLY = ±10V
VSUPPLY = ±15V
+15V/+10V
V+
V-
IN 1
IN 2
IN 8/IN 16
OUT
A0
EN
A1
10
14
M
pF
A3
A2
50
VA
+4V
GND
A
-15V/-10V
A
-ISUPPLY
+ISUPPLY
±10V/±5V
THRU
IN 7/IN 15
HI-506A
10V/
5V
900
700
500
300
3
LOGIC LEVEL (HIGH) (V)
579
15
13
11
800
600
400
4
6
8
10
12
14
VREF = OPEN FOR LOGIC HIGH LEVEL ≤ 6V
VREF = LOGIC HIGH FOR LOGIC HIGH LEVELS > 6V
±10V
+15V
V+
V-
IN 1
IN 2 THRU
IN 16
OUT
A0
EN
A1
10
50
k
pF
A3
A2
50
VA
+4V
GND
-15V
10V
IN 7/IN 15
HI-506A
VREF
1/
2 VAH
VAH = 4.0V
10%
+10V
0V
OUTPUT
-10V
tA
ADDRESS
DRIVE (VA)
200ns/DIV.
VA INPUT
2V/DIV.
OUTPUT
5V/DIV.
S1 ON
S16 ON
HI-506A, HI-507A, HI-508A, HI-509A


Similar Part No. - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
logo
Renesas Technology Corp
HI3-0506A-5Z RENESAS-HI3-0506A-5Z Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com