Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M24CDT-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M24CDT-TR
Description  Positive voltage regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M24CDT-TR Datasheet(HTML) 1 Page - STMicroelectronics

  L78M24CDT-TR Datasheet HTML 1Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 2Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 3Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 4Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 5Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 6Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 7Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 8Page - STMicroelectronics L78M24CDT-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
November 2006
Rev. 8
1/30
30
L78M00 series
Positive voltage regulators
Feature summary
Output current to 0.5A
Output voltages of 5; 6; 8; 9; 10; 12; 15; 18; 20;
24V
Thermal overload protection
Short circuit protection
Output transition SOA protection
Description
The L78M00 series of three-terminal positive
regulators is available in TO-220, TO-220FP,
DPAK and IPAK packages and with several fixed
output voltages, making it useful in a wide range
of applications. These regulators can provide
local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting, thermal shut-down and safe area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 0.5A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltage and
currents.
TO-220FP
DPAK
TO-220
IPAK
www.st.com
Schematic diagram


Similar Part No. - L78M24CDT-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M24CDT-TR STMICROELECTRONICS-L78M24CDT-TR Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
L78M24CDT-TR STMICROELECTRONICS-L78M24CDT-TR Datasheet
970Kb / 29P
   Positive voltage regulators
L78M24CDT-TR STMICROELECTRONICS-L78M24CDT-TR Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
More results

Similar Description - L78M24CDT-TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com