Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN232IB-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIN232IB-T
Description  5V Powered RS-232 Transmitters/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN232IB-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIN232IB-T Datasheet HTML 5Page - Intersil Corporation HIN232IB-T Datasheet HTML 6Page - Intersil Corporation HIN232IB-T Datasheet HTML 7Page - Intersil Corporation HIN232IB-T Datasheet HTML 8Page - Intersil Corporation HIN232IB-T Datasheet HTML 9Page - Intersil Corporation HIN232IB-T Datasheet HTML 10Page - Intersil Corporation HIN232IB-T Datasheet HTML 11Page - Intersil Corporation HIN232IB-T Datasheet HTML 12Page - Intersil Corporation HIN232IB-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Detailed Description
The HIN232 thru HIN241 family of RS-232
transmitters/receivers are powered by a single +5V power
supply (except HIN239), feature low power consumption, and
meet all ElA RS-232C and V.28 specifications. The circuit is
divided into three sections: The charge pump, transmitter, and
receiver.
Charge Pump
An equivalent circuit of the charge pump is illustrated in
Figure 1. The charge pump contains two sections: the voltage
doubler and the voltage inverter. Each section is driven by a
two phase, internally generated clock to generate +10V and
-10V. The nominal clock frequency is 16kHz. During phase
one of the clock, capacitor C1 is charged to VCC. During
phase two, the voltage on C1 is added to VCC, producing a
signal across C3 equal to twice VCC. During phase one, C2 is
also charged to 2VCC, and then during phase two, it is
inverted with respect to ground to produce a signal across C4
equal to -2VCC. The charge pump accepts input voltages up
to 5.5V. The output impedance of the voltage doubler section
(V+) is approximately 200
Ω, and the output impedance of the
voltage inverter section (V-) is approximately 450
Ω. A typical
application uses 1
µF capacitors for C1-C4, however, the value
is not critical. Increasing the values of C1 and C2 will lower the
output impedance of the voltage doubler and inverter,
increasing the values of the reservoir capacitors, C3 and C4,
lowers the ripple on the V+ and V- supplies.
During shutdown mode (HIN236, HIN240 and HIN241),
SHUTDOWN control line set to logic “1”, the charge pump is
turned off, V+ is pulled down to VCC, V- is pulled up to GND,
and the supply current is reduced to less than 10
µA. The
transmitter outputs are disabled and the receiver outputs are
placed in the high impedance state.
TIMING CHARACTERISTICS
Baud Rate (1 Transmitter Switching)
RL = 3kΩ
120
-
-
kbps
Output Enable Time, tEN
HIN236, HIN239, HIN240, HIN241
-
400
-
ns
Output Disable Time, tDIS
HIN236, HIN239, HIN240, HIN241
-
250
-
ns
Propagation Delay, tPD
RS-232 to TTL
-
0.5
-
µs
Instantaneous Slew Rate SR
CL = 10pF, RL = 3kΩ, TA = 25
oC (Note 4)
-
-
30
V/
µs
Transition Region Slew Rate, SRT
RL = 3kΩ, CL = 2500pF Measured from +3V to -3V or
-3V to +3V, 1 Transmitter Switching
-3
-
V/
µs
TRANSMITTER OUTPUTS
Output Voltage Swing, TOUT
Transmitter Outputs, 3k
Ω to Ground
±5
±9
±10
V
Output Resistance, TOUT
VCC = V+ = V- = 0V, VOUT = ±2V
300
-
-
RS-232 Output Short Circuit Current, ISC
TOUT shorted to GND
-
±10
-
mA
NOTE:
4.
Guaranteed by design.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, TA = Operating Temperature Range (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V- = -(V+)
C1+
C1-
C2-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 1. CHARGE PUMP
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241


Similar Part No. - HIN232IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232IB INTERSIL-HIN232IB Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
HIN232IB INTERSIL-HIN232IB Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN232IBZ INTERSIL-HIN232IBZ Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232IBZ RENESAS-HIN232IBZ Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN232IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com