Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0506-5 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI1-0506-5
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0506-5 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI1-0506-5 Datasheet HTML 6Page - Intersil Corporation HI1-0506-5 Datasheet HTML 7Page - Intersil Corporation HI1-0506-5 Datasheet HTML 8Page - Intersil Corporation HI1-0506-5 Datasheet HTML 9Page - Intersil Corporation HI1-0506-5 Datasheet HTML 10Page - Intersil Corporation HI1-0506-5 Datasheet HTML 11Page - Intersil Corporation HI1-0506-5 Datasheet HTML 12Page - Intersil Corporation HI1-0506-5 Datasheet HTML 13Page - Intersil Corporation HI1-0506-5 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
FN3142.7
July 21, 2005
FIGURE 3A. ON CHANNEL CURRENT vs VOLTAGE
FIGURE 3B. TEST CIRCUIT
FIGURE 3. ON CHANNEL CURRENT
FIGURE 4A. SUPPLY CURRENT vs TOGGLE FREQUENCY
FIGURE 4B. TEST CIRCUIT
FIGURE 4. DYNAMIC SUPPLY CURRENT
Test Circuits and Waveforms TA = 25°C, VSUPPLY = ±15V, VAH = 2.4V, VAL = 0.8V, Unless Otherwise Specified (Continued)
70
60
50
40
30
20
10
0
02
4
6
810
12
14
16
VOLTAGE ACROSS SWITCH (
±V)
-55°C
25°C
125°C
A
±VIN
8
6
4
2
0
1K
TOGGLE FREQUENCY (Hz)
10K
100K
1M
10M
VSUPPLY = ±15V
VSUPPLY = ±10V
±10V/±5V
+15V/+10V
V+
V-
IN 1
IN 2
IN 8/16
OUT
A0
EN
A1
10
14
M
pF
A3
A2
50
VA
3.5V
GND
A
-15V/-10V
A
-ISUPPLY
+ISUPPLY
+10V/+5V
VA
HIGH = 3.5V
LOW = 0V
50% DUTY CYCLE
THRU
IN 7/15
HI-506
Similar connection for HI-507/
HI-508/HI-509
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI1-0506-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0506-5 INTERSIL-HI1-0506-5 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
logo
Harris Corporation
HI1-0506-5 HARRIS-HI1-0506-5 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI1-0506-5 INTERSIL-HI1-0506-5 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI1-0506-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com