Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1181DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ISP1181DGG
Description  Full-speed Universal Serial Bus interface device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ISP1181DGG Datasheet HTML 3Page - NXP Semiconductors ISP1181DGG Datasheet HTML 4Page - NXP Semiconductors ISP1181DGG Datasheet HTML 5Page - NXP Semiconductors ISP1181DGG Datasheet HTML 6Page - NXP Semiconductors ISP1181DGG Datasheet HTML 7Page - NXP Semiconductors ISP1181DGG Datasheet HTML 8Page - NXP Semiconductors ISP1181DGG Datasheet HTML 9Page - NXP Semiconductors ISP1181DGG Datasheet HTML 10Page - NXP Semiconductors ISP1181DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Philips Semiconductors
ISP1181
Full-speed USB interface
Objective specification
Rev. 01 — 13 March 2000
7 of 69
9397 750 06896
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Symbol names with an overscore (e.g. NAME) represent active LOW signals.
7.
Functional description
The ISP1181 is a full-speed USB interface device with up to 14 configurable
endpoints. It has a fast general-purpose parallel interface for communication with
many types of microcontrollers or microprocessors. It supports different bus
configurations (see Table 3) and local DMA transfers of up to 16 bytes per cycle. The
block diagram is given in Figure 1.
The ISP1181 has 2462 bytes of internal FIFO memory, which is shared among the
enabled USB endpoints. The type and FIFO size of each endpoint can be individually
configured, depending on the required packet size. Isochronous and bulk endpoints
are double-buffered for increased data throughput. Interrupt IN endpoints can be
configured in rate-feedback mode.
The ISP1181 requires a single supply voltage of 3.0 to 5.5 V and has an internal
3.3 V voltage regulator for powering the analog USB transceiver. It supports
bus-powered operation.
The ISP1181 operates on a 6 MHz oscillator frequency. A programmable clock output
is available up to 48 MHz. During ‘suspend’ state the 24 kHz LazyClock frequency
can be output.
7.1 Analog transceiver
The transceiver is compliant with
Universal Serial Bus Specification Rev. 1.1. It
interfaces directly with the USB cable through external termination resistors.
ALE
42
I
address latch enable input; a HIGH-to-LOW transition latches
the level on pin AD0 as address information in a multiplexed
address/data bus configuration; must be tied LOW (connect
to DGND) for a separate address/data bus configuration
CS
43
I
chip select input
RESET
44
I
reset input (Schmitt trigger); a LOW level produces an
asynchronous reset; connect to VCC for power-on reset
(internal POR circuit)
CLKOUT
45
O
programmable clock output (2 mA)
GND
46
-
ground supply
XTAL2
47
O
crystal oscillator output (6 MHz); connect a fundamental
parallel-resonant crystal; leave this pin open when using an
external clock source on pin XTAL1
XTAL1
48
I
crystal oscillator input (6 MHz); connect a fundamental
parallel-resonant crystal or an external clock source (leaving
pin XTAL2 is unconnected)
Table 2:
Pin description for TSSOP48
Symbol [1]
Pin
Type
Description


Similar Part No. - ISP1181DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
More results

Similar Description - ISP1181DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
   Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com