Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-5043-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-5043-5
Description  CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-5043-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-5043-5 Datasheet HTML 1Page - Intersil Corporation HI1-5043-5 Datasheet HTML 2Page - Intersil Corporation HI1-5043-5 Datasheet HTML 3Page - Intersil Corporation HI1-5043-5 Datasheet HTML 4Page - Intersil Corporation HI1-5043-5 Datasheet HTML 5Page - Intersil Corporation HI1-5043-5 Datasheet HTML 6Page - Intersil Corporation HI1-5043-5 Datasheet HTML 7Page - Intersil Corporation HI1-5043-5 Datasheet HTML 8Page - Intersil Corporation HI1-5043-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
VR to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+, V-
Digital and Analog Input Voltage . . . . . . . . . . . . (V+) +4V to (V-) -4V
Analog Current (S to D) Continuous . . . . . . . . . . . . . . . . . . . . 30mA
Analog Current (S to D) Peak . . . . . . . . . . . . . . . . . . . . . . . . . 80mA
Operating Conditions
Temperature Range
HI-50XX-2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HI-50XX-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HI-50XX-9. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
75
22
SOIC Package . . . . . . . . . . . . . . . . . . .
110
N/A
PDIP Package* . . . . . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Ceramic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature . . . . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*
Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Supplies = +15V, -15V; VR = 0V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = 0.8V, VL =5V,
Unless Otherwise Specified. For Test Conditions, Consult Performance Characteristics,
Unused Pins are Grounded
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2
-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
Switch ON Time, tON
(Note 5)
25
-
370
500
-
370
500
ns
Switch OFF Time, tOFF
(Note 5)
25
-
280
500
-
280
500
ns
Charge Injection, Q
(Note 3)
25
-
5
20
-
5
-
mV
OFF Isolation
(Note 4)
25
75
80
-
-
80
-
dB
Crosstalk
(Note 4)
25
-80
-88
-
-
-88
-
dB
Input Switch Capacitance, CS(OFF)
25
-
11
-
-
11
-
pF
Output Switch Capacitance, CD(OFF)
25
-
11
-
-
11
-
pF
Output Switch Capacitance, CD(ON)
25
-
22
-
-
22
-
pF
Digital Input Capacitance, CA
25
-
5
-
-
5
-
pF
Drain To Source Capacitance, CDS(OFF)
25
-
0.5
-
-
0.5
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, VAL
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH
Full
2.4
-
-
2.4
-
-
V
Input Leakage Current (High or Low), IA
Full
-
0.01
1.0
-
0.01
1.0
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range
Full
-15
-
+15
-15
-
+15
V
ON Resistance, rON
HI-5042 to HI-5047
(Note 2)
25
-
50
75
-
50
75
Full
-
-
150
-
-
150
HI-5049, HI-5051
(Note 2)
25
-
25
45
-
25
45
Full
-
-
50
-
-
50
Channel-to-Channel Match,
∆rON
HI-5042 to HI-5047
25
-
2
10
-
2
10
HI-5049, HI-5051
25
-
1
5
-
1
5
HI-5042 thru HI-5051


Similar Part No. - HI1-5043-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-5043-5 INTERSIL-HI1-5043-5 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI1-5043-5 HARRIS-HI1-5043-5 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI1-5043-5 INTERSIL-HI1-5043-5 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI1-5043-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com