Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508AAK Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG508AAK
Description  CMOS Analog Multiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG508AAK Datasheet(HTML) 3 Page - Intersil Corporation

  DG508AAK Datasheet HTML 1Page - Intersil Corporation DG508AAK Datasheet HTML 2Page - Intersil Corporation DG508AAK Datasheet HTML 3Page - Intersil Corporation DG508AAK Datasheet HTML 4Page - Intersil Corporation DG508AAK Datasheet HTML 5Page - Intersil Corporation DG508AAK Datasheet HTML 6Page - Intersil Corporation DG508AAK Datasheet HTML 7Page - Intersil Corporation DG508AAK Datasheet HTML 8Page - Intersil Corporation DG508AAK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Digital Inputs, VS, VD (Note 1) . . . . . . . . . . . . . .(V- -2V) To (V+ +2V)
Continuous Current, (Any Terminal Except S or D) . . . . . . . . . 30mA
Continuous Current, (S or D) . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . . . . 40mA
Operating Conditions
Temperature Range
“A” Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
“B” Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
16 Ld CERDIP Package. . . . . . . . . . . .
75
20
16 Ld PDIP Package . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature
CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature
“A” and “B” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . -65oC to 150oC
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65oC to 125oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on SX, D, EN, or AX exceeding V+ or V- are clamped by internal diodes. Limit diode current to maximum current ratings.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = +15V, V- = -15V, GND = 0V, V
EN = 2.4V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
(NOTE 4)
MIN
(NOTE 3)
TYP
(NOTE 4)
MAX
(NOTE 4)
MIN
(NOTE 3)
TYP
(NOTE 4)
MAX
DYNAMIC CHARACTERISTICS
Switching Time of
Multiplexer, tTRANSITION
See Figure 1
-
0.6
1
-
0.6
-
µs
Break-Before-Make
Interval, tOPEN
See Figure 3
-
0.2
-
-
0.2
-
µs
Enable Turn-ON Time,
tON(EN)
See Figure 2
-
1
1.5
-
1
-
µs
Enable Turn-OFF Time,
tOFF(EN)
See Figure 2
-
0.4
1.0
-
0.4
-
µs
OFF Isolation, OIRR
VEN = 0V, RL = 1kΩ, CL = 15pF,
VS =7VRMS, f = 500kHz (Note 5)
-68-
-68-
dB
Source OFF Capacitance,
CS(OFF)
VS = 0V, VEN = 0V, f = 140kHz
-
5
-
-
5
-
pF
Drain OFF Capacitance,
CD(OFF)
VD = 0V, VEN = 0V, f = 140kHz
-
25
-
-
25
-
pF
Charge Injection, Q
See Figure 4
-
4
-
-
4
-
pC
DIGITAL INPUT CHARACTERISTICS
Address Input Current,
Input Voltage High, IAH
VA = 2.4V
-10
-0.002
-
-10
-0.002
-
µA
VA = 15V
-
0.006
10
-
0.006
10
µA
Address Input Current Input
Voltage Low, IAL
VEN = 2.4V
VA = 0V
-10
-0.002
-
-10
-0.002
-
µA
VEN = 0V
-10
-0.002
-
-10
-0.0002
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
(Note 7)
-15
-
+15
-15
-
+15
V
Drain-Source ON
Resistance, rDS(ON)
Sequence Each
Switch ON
VAL = 0.8V,
VAH = 2.4V
IS = -200µA, VD = +10V
-
270
400
-
270
450
IS = -200µA, VD = -10V
-
230
400
-
230
450
rDS(ON) Matching
Between Channels
-10V
≤ VS ≤ +10V
-
6
-
-
6
-
%
∆r
DS ON
()
r
DS(ON)MAX
r
DS ON
()MIN
r
DS ON
()AVG
-----------------------------------------------------------------------
=
DG508A


Similar Part No. - DG508AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG508AAK MAXIM-DG508AAK Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Vishay Siliconix
DG508AAK VISHAY-DG508AAK Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Intersil Corporation
DG508AAK INTERSIL-DG508AAK Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG508AAK MAXIM-DG508AAK Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Renesas Technology Corp
DG508AAK RENESAS-DG508AAK Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
More results

Similar Description - DG508AAK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com