Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3335AMN285R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3335AMN285R2G
Description  Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3335AMN285R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3335AMN285R2G Datasheet HTML 4Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 5Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 6Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 7Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 8Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 9Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 10Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 11Page - ON Semiconductor NCP3335AMN285R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP3335A
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS – Adjustable (Vout = 1.25 V typical, Vin = 2.9 V, TA = −40°C to +85°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage (Accuracy)
Vin = 2.9 V to Vout + 4.0 V, Iload = 0.1 mA to 500 mA, TJ = 25°C
Vref
−0.9%
1.239
1.25
+0.9%
1.261
V
Reference Voltage (Accuracy)
Vin = 2.9 V to Vout + 4.0 V, Iload = 0.1 mA to 500 mA, TJ = 0°C to +85°C
Vref
−1.4%
1.233
1.25
+1.4%
1.268
V
Reference Voltage (Accuracy) (Note 8)
Vin = 2.9 V to Vout + 4.0 V, Iload = 0.1 mA to 500 mA, TJ = −40°C to +150°C
Vref
−1.5%
1.231
1.25
+1.5%
1.269
V
Line Regulation
Vin = 2.9 V to 12 V, Iload = 0.1 mA
LineReg
0.04
mV/V
Load Regulation
Vin = 2.9 V, Iload = 0.1 mA to 500 mA
LoadReg
0.04
mV/mA
Dropout Voltage (See App Note), Vout = 2.5 V to 10 V
Iload = 500 mA (Note 9)
Iload = 300 mA
Iload = 50 mA
Iload = 0.1 mA
VDO
340
230
110
10
mV
Peak Output Current (Note 9) (See Figure 7)
Ipk
500
700
860
mA
Short Output Current (See Figure 7)
Vout ≤ 3.3 V
Vout > 3.3 V
Isc
900
990
mA
Thermal Shutdown
TJ
160
°C
Ground Current
In Regulation
Iload = 500 mA (Note 9)
Iload = 300 mA (Note 9)
Iload = 50 mA
Iload = 0.1 mA
In Dropout
Vin = Vout −0.1 V, Iload = 0.1 mA
In Shutdown
SD = 0 V
IGND
IGNDsh
9.0
4.6
0.8
0.07
14
7.5
2.5
190
500
1.0
mA
mA
mA
mA
Output Noise
Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Vnoise
38
26
mVrms
mVrms
Shutdown
Threshold Voltage ON
Threshold Voltage OFF
2.0
0.4
V
V
SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin
Vin ≤ 5.4 V
Vin > 5.4 V
ISD
0.07
1.0
5.0
mA
Output Current In Shutdown Mode, Vout = 0 V
IOSD
0.07
1.0
mA
Reverse Bias Protection, Current Flowing from the Output Pin to GND
(Vin = 0 V, Vout_forced = Vout (nom) ≤ 7 V) (Note 10)
IOUTR
1.0
mA
8. For output current capability for TJ < 0°C, please refer to Figure 9.
9. TA must be greater than 0°C.
10. Reverse bias protection feature valid only if Vout − Vin ≤ 7 V.


Similar Part No. - NCP3335AMN285R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335AMN285R2G ONSEMI-NCP3335AMN285R2G Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335AMN285R2G ONSEMI-NCP3335AMN285R2G Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
More results

Similar Description - NCP3335AMN285R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCV8535 ONSEMI-NCV8535_13 Datasheet
394Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
May, 2013 ??Rev. 4
NCV8535 ONSEMI-NCV8535 Datasheet
388Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
January, 2010 ??Rev. 2
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com