Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE68CA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # P6KE68CA
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE68CA Datasheet(HTML) 1 Page - Diodes Incorporated

  P6KE68CA Datasheet HTML 1Page - Diodes Incorporated P6KE68CA Datasheet HTML 2Page - Diodes Incorporated P6KE68CA Datasheet HTML 3Page - Diodes Incorporated P6KE68CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e3
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
DS21502 Rev. 17 - 2
1 of 4
P6KE6V8(C)A - P6KE400(C)A
www.diodes.com
ã Diodes Incorporated
P6KE6V8(C)A - P6KE400(C)A
600W TRANSIENT VOLTAGE SUPPRESSOR
·
600W Peak Pulse Power Dissipation
·
Voltage Range 6.8V - 400V
·
Constructed with Glass Passivated Die
·
Uni- and Bidirectional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Lead Free Finish, RoHS Compliant (Note 1)
Maximum Ratings
@ TA = 25°C unless otherwise specified
Features
·
Case: DO-15
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Leads: Plated Leads, Solderable per MIL-STD-202, Method 208
·
Marking: Unidirectional - Type Number and Cathode Band
·
Marking: Bidirectional - Type Number Only
·
Weight: 0.4 grams (approximate)
Mechanical Data
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, tp = 1.0 ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
600
W
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Mounted on Copper Land Area of 40mm
2
)
Pd
5.0
W
Peak Forward Surge Current, 8.3 ms Single Half Sine Wave, Superimposed
on Rated Load (JEDEC Method) Duty Cycle = 4 pulses per minute maximum
IFSM
100
A
Forward Voltage @ IF = 35A
VBR
£ 200V
300µs Square Wave Pulse, Unidirectional Only
VBR > 200V
VF
3.5
5.0
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C


Similar Part No. - P6KE68CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE68CA PANJIT-P6KE68CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE68CA SUNMATE-P6KE68CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Won-Top Electronics
P6KE68CA WTE-P6KE68CA Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
P6KE68CA YANGJIE-P6KE68CA Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Ruilongyuan Electronics...
P6KE68CA RUILON-P6KE68CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE68CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com