Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8757 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8757
Description  Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8757 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8757 Datasheet HTML 1Page - Maxim Integrated Products MAX8757 Datasheet HTML 2Page - Maxim Integrated Products MAX8757 Datasheet HTML 3Page - Maxim Integrated Products MAX8757 Datasheet HTML 4Page - Maxim Integrated Products MAX8757 Datasheet HTML 5Page - Maxim Integrated Products MAX8757 Datasheet HTML 6Page - Maxim Integrated Products MAX8757 Datasheet HTML 7Page - Maxim Integrated Products MAX8757 Datasheet HTML 8Page - Maxim Integrated Products MAX8757 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Interleaved High-Efficiency, Dual Power-Supply
Controllers for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, FSEL = REF, SKIP_ = 0, VON_ = VILIM_ = VCC = VDD = 5V, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Load Regulation
∆VREF
IREF = 0µA to 50µA
10
mV
Reference Sink Current
10
µA
REF Lockout Voltage
VREF(UVLO) Rising edge, hysteresis = 50mV
1.8
V
FAULT DETECTION
Output Overvoltage Trip
Threshold
MAX8716/MAX8717 only
11
15
19
%
Output Overvoltage Fault-
Propagation Delay
tOVP
50mV overdrive, MAX8716/MAX8717 only
10
µs
Output Undervoltage-Protection
Trip Threshold
With respect to error-comparator threshold
65
70
75
%
Output Undervoltage Fault-
Propagation Delay
tUVP
50mV overdrive
10
µs
Output Undervoltage-Protection
Blanking Time
tBLANK
From rising edge of ON_
6144
1/fOSC
PGOOD_ Lower Trip Threshold
With respect to error-comparator threshold,
hysteresis = 1%
-12.5
-10
-8.0
%
PGOOD_ Propagation Delay
tPGOOD_
Falling edge, 50mV overdrive
10
µs
PGOOD_ Output Low Voltage
ISINK = 4mA
0.4
V
PGOOD_ Leakage Current
IPGOOD_
High state, PGOOD_ forced to 5.5V
1
µA
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 15°C
+160
°C
GATE DRIVERS
DH_ Gate-Driver On-Resistance
RDH
BST_ - LX_ forced to 5V (Note 5)
1.5
5
DL_, high state (Note 5)
1.7
5
DL_ Gate-Driver On-Resistance
RDL
DL_, low state (Note 5)
0.6
3
DH_ Gate-Driver Source/Sink
Current
IDH
DH_ forced to 2.5V, BST_ - LX_ forced to
5V
2A
DL_ Gate-Driver Source Current
IDL
(SOURCE)
DL_ forced to 2.5V
1.7
A
DL_ Gate-Driver Sink Current
IDL (SINK)
DL_ forced to 2.5V
3.3
A
DL_ rising
35
Dead Time
tDEAD
DH_ rising
26
ns
LX_, BST_ Leakage Current
VBST_ = VLX_ = 26V
<2
20
µA
INPUTS AND OUTPUTS
Logic Input Current
ON1, ON2
-1
+1
µA
ON_ Input Voltage
Rising edge, hysteresis = 225mV
1.2
1.7
2.2
V
High
VCC -
0.2
REF
1.7
2.3
Tri-Level Input Logic
SKIP1, SKIP2, FSEL
GND
0.5
V


Similar Part No. - MAX8757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8757 MAXIM-MAX8757 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
More results

Similar Description - MAX8757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com