Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8716 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8716
Description  Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8716 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8716 Datasheet HTML 4Page - Maxim Integrated Products MAX8716 Datasheet HTML 5Page - Maxim Integrated Products MAX8716 Datasheet HTML 6Page - Maxim Integrated Products MAX8716 Datasheet HTML 7Page - Maxim Integrated Products MAX8716 Datasheet HTML 8Page - Maxim Integrated Products MAX8716 Datasheet HTML 9Page - Maxim Integrated Products MAX8716 Datasheet HTML 10Page - Maxim Integrated Products MAX8716 Datasheet HTML 11Page - Maxim Integrated Products MAX8716 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Interleaved High-Efficiency, Dual Power-Supply
Controllers for Notebook Computers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, VDD = VCC = 5V, SKIP_ = GND, FSEL = REF, TA = +25°C, unless otherwise noted.)
1.8V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
60
70
80
90
100
50
0.001
10
SKIP
MODE
PWM
MODE
VIN = 12V
L = 3.2µH
LOW-NOISE
MODE
NO-LOAD SUPPLY CURRENT vs. INPUT
VOLTAGE (FORCED-PWM MODE)
INPUT VOLTAGE (V)
20
16
12
8
4
4
8
12
16
20
24
28
0
024
IBIAS
IIN
SKIP1 = SKIP2 = VCC
ON1 = ON2 = VCC
0.1
1
10
0.01
NO-LOAD SUPPLY CURRENT vs. INPUT
VOLTAGE (IDLE MODE)
INPUT VOLTAGE (V)
20
16
12
8
4
024
IBIAS
IIN
SKIP1 = SKIP2 = GND OR REF
ON1 = ON2 = VCC
OUT2 IDLE-MODE CURRENT
vs. INPUT VOLTAGE
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
INPUT VOLTAGE (V)
20
16
12
8
4
024
MAXIMUM DUTY-
CYCLE LIMITED
SKIP2 = GND
SKIP2 = REF
OUT2 SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
100
1000
1
0.001
10
SKIP2 = GND
SKIP2 = REF
SKIP2 = VCC
5V OUTPUT VOLTAGE
vs. INPUT VOLTAGE
4.95
5.00
5.05
4.90
INPUT VOLTAGE (V)
20
16
12
8
4
024
SKIP2 = VCC
3.3V OUTPUT VOLTAGE
vs. INPUT VOLTAGE
3.30
3.35
3.40
3.25
INPUT VOLTAGE (V)
20
16
12
8
4
024
SKIP1 = VCC
0.1
0.2
0.3
0.4
0
OUT2 DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
4
3
2
1
05
VOUT2 = 4.8V


Similar Part No. - MAX8716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8716 MAXIM-MAX8716 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716ETG MAXIM-MAX8716ETG Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716ETG++ MAXIM-MAX8716ETG+ Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
More results

Similar Description - MAX8716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com