Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU7843PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLU7843PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU7843PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLU7843PBF Datasheet HTML 1Page - International Rectifier IRLU7843PBF Datasheet HTML 2Page - International Rectifier IRLU7843PBF Datasheet HTML 3Page - International Rectifier IRLU7843PBF Datasheet HTML 4Page - International Rectifier IRLU7843PBF Datasheet HTML 5Page - International Rectifier IRLU7843PBF Datasheet HTML 6Page - International Rectifier IRLU7843PBF Datasheet HTML 7Page - International Rectifier IRLU7843PBF Datasheet HTML 8Page - International Rectifier IRLU7843PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U7843PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
19
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.6
3.3
m
–––
3.2
4.0
VGS(th)
Gate Threshold Voltage
1.5
–––
2.3
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
37
–––
–––
S
Qg
Total Gate Charge
–––
34
50
Qgs1
Pre-Vth Gate-to-Source Charge
–––
9.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.5
–––
nC
Qgd
Gate-to-Drain Charge
–––
12
–––
Qgodr
Gate Charge Overdrive
–––
10
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15
–––
Qoss
Output Charge
–––
21
–––
nC
td(on)
Turn-On Delay Time
–––
25
–––
tr
Rise Time
–––
42
–––
td(off)
Turn-Off Delay Time
–––
34
–––
ns
tf
Fall Time
–––
19
–––
Ciss
Input Capacitance
–––
4380
–––
Coss
Output Capacitance
–––
940
–––
pF
Crss
Reverse Transfer Capacitance
–––
430
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
161
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
620
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
39
59
ns
Qrr
Reverse Recovery Charge
–––
36
54
nC
ton
Forward Turn-On Time
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
14
Max.
1440
12
ƒ = 1.0MHz
ID = 12A
VDS = 15V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
e
VGS = 4.5V, ID = 12A
e
VGS = 20V
VGS = -20V
VDS = 15V, ID = 12A
VDS = 15V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
Clamped Inductive Load
TJ = 25°C, IF = 12A, VDD = 15V
di/dt = 100A/µs
e
TJ = 25°C, IS = 12A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 12A
VGS = 0V
VDS = 15V


Similar Part No. - IRLU7843PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7843PBF IRF-IRLU7843PBF Datasheet
371Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRLU7843PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com