Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLL959B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL959B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL959B Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL959B Datasheet HTML 1Page - Microsemi Corporation CDLL959B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
103
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100
°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
• 1N962BUR-1 thru 1N986BUR-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/117
• ZENER DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ TEC = +125°C
Power Derating: 10 mW / °C above TEC = +125°C
Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C
CDI
NOMINAL
ZENER
MAX. DC
TYPE
ZENER
TEST
MAXIMUM ZENER IMPEDANCE
ZENER
MAX. REVERSE
NUMBER
VOLTAGE
CURRENT
(NOTE 3)
CURRENT
LEAKAGE CURRENT
VZ
l ZT
l ZM
l
R
@ V
R
(NOTE 1)
(NOTE 2)
ZZT @ l ZT
ZZK @ l ZK
VOLTS
mA
OHMS
OHMS
mA
mA
µ A
VOLTS
CDLL957B
6.8
18.5
4.5
700
1.0
55
5.0
5.2
CDLL958B
7.5
16.5
5.5
700
.5
50
5.0
5.7
CDLL959B
8.2
15.0
6.5
700
.5
45
5.0
6.2
CDLL960B
9.1
14.0
7.5
700
.5
41
5.0
6.9
CDLL961B
10
12.5
8.5
700
.25
38
2.0
7.6
CDLL962B
11
11.5
9.5
700
.25
32
1.0
8.4
CDLL963B
12
10.5
11.5
700
.25
31
1.0
9.1
CDLL964B
13
9.5
13
700
.25
28
0.5
9.9
CDLL965B
15
8.5
16
700
.25
25
0.5
11
CDLL966B
16
7.8
17
700
.25
24
0.5
12
CDLL967B
18
7.0
21
750
.25
20
0.5
14
CDLL968B
20
6.2
25
750
.25
18
0.5
15
CDLL969B
22
5.6
29
750
.25
16
0.5
17
CDLL970B
24
5.2
33
750
.25
15
0.5
18
CDLL971B
27
4.6
41
750
.25
13
0.5
21
CDLL972B
30
4.2
49
1000
.25
12
0.5
23
CDLL973B
33
3.8
58
1000
.25
11
0.5
25
CDLL974B
36
3.4
70
1000
.25
10
0.5
27
CDLL975B
39
3.2
90
1000
.25
9.5
0.5
30
CDLL976B
43
3.0
93
1500
.25
8.8
0.5
33
CDLL977B
47
2.7
105
1500
.25
7.9
0.5
36
CDLL978B
51
2.5
125
1500
.25
7.4
0.5
39
CDLL979B
56
2.2
150
2000
.25
6.8
0.5
43
CDLL980B
62
2.0
185
2000
.25
6.0
0.5
47
CDLL981B
68
1.8
230
2000
.25
5.5
0.5
52
CDLL982B
75
1.7
270
2000
.25
5.0
0.5
56
CDLL983B
82
1.5
330
3000
.25
4.6
0.5
62
CDLL984B
91
1.4
400
3000
.25
4.1
0.5
69
CDLL985B
100
1.3
500
3000
.25
3.7
0.5
76
CDLL986B
110
1.1
750
4000
.25
3.3
0.5
84
NOTE 1
Zener voltage tolerance on "B" suffix is + 5%. Suffix letter “A” denotes + 10%. No
Suffix denotes + 20%. "C" suffix denotes + 2%, and "D" suffix denotes + 1%.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal
to 10% of 1ZT.
1N962BUR-1 thru 1N986BUR-1
and
CDLL957B thru CDLL986B


Similar Part No. - CDLL959B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL959B CDI-DIODE-CDLL959B Datasheet
113Kb / 2P
   ZENER DIODES
More results

Similar Description - CDLL959B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com