Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1105 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1105
Description  Advanced Universal Serial Bus transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1105 Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1105 Datasheet HTML 1Page - NXP Semiconductors ISP1105 Datasheet HTML 2Page - NXP Semiconductors ISP1105 Datasheet HTML 3Page - NXP Semiconductors ISP1105 Datasheet HTML 4Page - NXP Semiconductors ISP1105 Datasheet HTML 5Page - NXP Semiconductors ISP1105 Datasheet HTML 6Page - NXP Semiconductors ISP1105 Datasheet HTML 7Page - NXP Semiconductors ISP1105 Datasheet HTML 8Page - NXP Semiconductors ISP1105 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
3 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
5.
Functional diagram
(1) Use a 39
Ω resistor (1%) for a USB v2.0 compliant output impedance range.
(2) Connect to D
− for low-speed operation.
(3) Pin function depends on device type see Section 7.2.
(4) Only for ISP1105.
Fig 1.
Functional diagram (combined ISP1105, ISP1106 and ISP1107).
MBL301
VCC(I/O)
VCC(5.0)
VOLTAGE
REGULATOR
3.3 V
1.5 k
(2)
33
(1) (1%)
33
(1) (1%)
LEVEL
SHIFTER
ISP1105
ISP1106
ISP1107
SOFTCON
SPEED
Vreg(3.3)
GND
Vpu(3.3)
D
+
D
OE
VMO/FSE0(3)
VPO/VO(3)
MODE(4)
SUSPND
RCV
VP
VM


Similar Part No. - ISP1105

ManufacturerPart #DatasheetDescription
logo
Ericsson
ISP1105 ERICSSON-ISP1105 Datasheet
757Kb / 25P
   Advanced USB transceivers
ISP1105BSTM ERICSSON-ISP1105BSTM Datasheet
757Kb / 25P
   Advanced USB transceivers
ISP1105WTM ERICSSON-ISP1105WTM Datasheet
757Kb / 25P
   Advanced USB transceivers
ISP1105WTS ERICSSON-ISP1105WTS Datasheet
757Kb / 25P
   Advanced USB transceivers
More results

Similar Description - ISP1105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com