Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLZ34N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IRLZ34N
Description  N-channel enhancement mode Logic level TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRLZ34N Datasheet(HTML) 3 Page - NXP Semiconductors

  IRLZ34N Datasheet HTML 1Page - NXP Semiconductors IRLZ34N Datasheet HTML 2Page - NXP Semiconductors IRLZ34N Datasheet HTML 3Page - NXP Semiconductors IRLZ34N Datasheet HTML 4Page - NXP Semiconductors IRLZ34N Datasheet HTML 5Page - NXP Semiconductors IRLZ34N Datasheet HTML 6Page - NXP Semiconductors IRLZ34N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRLZ34N
Logic level TrenchMOS
TM transistor
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 20 A; VDD ≤ 25 V; VGS = 5 V;
-
45
mJ
unclamped inductive turn-off
R
GS = 50 Ω; Tmb = 25 ˚C
energy
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1
10
100
1000
tp =
1 us
10us
100 us
1 ms
10ms
100ms
ID/A
VDS/V
RDS(ON) = VDS/ID
DC
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1.0E-06
0.0001
0.01
1
100
0.01
0.1
1
10
ZTH/ (K/W)
t/s
0.5
0.2
0.1
0.05
0.02
0
D =
tp
tp
T
T
P
t
D
February 1999
3
Rev 1.000


Similar Part No. - IRLZ34N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ34N IRF-IRLZ34N Datasheet
114Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLZ34N ISC-IRLZ34N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLZ34NL IRF-IRLZ34NL Datasheet
190Kb / 10P
   HEXFET Power MOSFET
IRLZ34NLPBF IRF-IRLZ34NLPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRLZ34NPBF IRF-IRLZ34NPBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRLZ34N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1015 PHILIPS-PHN1015 Datasheet
95Kb / 7P
   N-channel TrenchMOS transistor Logic level
December 1999 Rev 1.300
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
101Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
70Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
142Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-25D PHILIPS-PSMN005-25D Datasheet
99Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PSMN005-55B PHILIPS-PSMN005-55B Datasheet
113Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.200
PSMN004-25B PHILIPS-PSMN004-25B Datasheet
111Kb / 9P
   N-channel logic level TrenchMOS transistor
October 1999 Rev 1.100
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com