Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6371A202PL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6371A202PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371A202PL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6371A202PL Datasheet HTML 1Page - Torex Semiconductor XC6371A202PL Datasheet HTML 2Page - Torex Semiconductor XC6371A202PL Datasheet HTML 3Page - Torex Semiconductor XC6371A202PL Datasheet HTML 4Page - Torex Semiconductor XC6371A202PL Datasheet HTML 5Page - Torex Semiconductor XC6371A202PL Datasheet HTML 6Page - Torex Semiconductor XC6371A202PL Datasheet HTML 7Page - Torex Semiconductor XC6371A202PL Datasheet HTML 8Page - Torex Semiconductor XC6371A202PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
583
XC6371/6372/6373
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: 3-pin regulator with built-in switching transistor
C
: Stand-by capability with built-in switching transistor
Type of Regulator
E
: Separated VDD and VOUT with built-in switching transistor
② ③
Output Voltage
Integer
: e.g. VOUT=3.5V→②=3, ③=5
0
: 50kHz
1
: 100kHz
Oscillation Frequency
2
: 180kHz
: SOT-89 (XC6371/72 A type)
P
: SOT-89-5 (XC6371/72 C/D type)
Package
D
: USP-6B
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: 3-pin regulator with built-in switching transistor
C
: Stand-by capability with built-in switching transistor
Type of Regulator
E
: Separated VDD and VOUT with built-in switching transistor
Output Voltage
Integer
: e.g. VOUT=3.5V→②=3, ③=5
Oscillation Frequency
0
: 30kHz
: SOT-89 (XC6373 A type)
P
: SOT-89-5 (XC6373 C/D type)
Package
D
: USP-6B
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PRODUCT CLASSIFICATION
Selection Guide
Ordering Information
XC6371 Series
START
XC6371/73A
PWM
XC6371
Low Frequency PWM
XC6373
Standard
Chip Enable
Separated
VDD/VOUT
XC6371/73C
XC6371/73E
Standard
Chip Enable
Separated
VDD/VOUT
PWM/PFM
XC6372A
XC6372C
XC6372E
XC6371①②③④⑤⑥ : PWM controlled
XC6372①②③④⑤⑥ : PWM/PFM switching control
XC6373①②③④⑤⑥ : PWM controlled


Similar Part No. - XC6371A202PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A301PR TOREX-XC6371A301PR Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A501PR TOREX-XC6371A501PR Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371AXX0PL TOREX-XC6371AXX0PL Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371AXX0PR TOREX-XC6371AXX0PR Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371A202PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com