Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62KN551TH Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62KN551TH
Description  Negative Voltage Regulaters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN551TH Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62KN551TH Datasheet HTML 1Page - Torex Semiconductor XC62KN551TH Datasheet HTML 2Page - Torex Semiconductor XC62KN551TH Datasheet HTML 3Page - Torex Semiconductor XC62KN551TH Datasheet HTML 4Page - Torex Semiconductor XC62KN551TH Datasheet HTML 5Page - Torex Semiconductor XC62KN551TH Datasheet HTML 6Page - Torex Semiconductor XC62KN551TH Datasheet HTML 7Page - Torex Semiconductor XC62KN551TH Datasheet HTML 8Page - Torex Semiconductor XC62KN551TH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
524
XC62K Series
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
Polarity of Output Voltage
N
: Negative
② ③
Output Voltage
21 ~ 60
:e.g. VOUT – 2.1V → ②=2, ③=1
VOUT – 6.0V → ②=6, ③=0
Temperature Characteristics
0
: + 100ppm (TYP.)
1
: + 1% (Semi-custom)
Output Voltage Accuracy
2
: + 2%
M
: SOT-23
P
: SOT-89
T
: TO-92 (Standard)
L
: TO-92 (Custom pin configuration)
Package
D
: USP-6B
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
Device Orientation
B
: Bag (TO-92)
PIN NUMBER
SOT-23
SOT-89/TO-92 (T)
TO-92 (L)
USP-6B
PIN NAME
FUNCTION
2
3
3
6
-VIN
Power Supply Input
3
2
1
4
VSS
Ground
1
1
2
2
-VOUT
Output
1.3.5
NC
No Connection
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC62K①②③④⑤⑥⑦
-VOUT VSS -VIN(T Type)
VSS –VOUT –VIN (L Type)
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VSS pin.
TO-92
(TOP VIEW)


Similar Part No. - XC62KN551TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN2101DB TOREX-XC62KN2101DB Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DH TOREX-XC62KN2101DH Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DL TOREX-XC62KN2101DL Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DR TOREX-XC62KN2101DR Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101LB TOREX-XC62KN2101LB Datasheet
1Mb / 17P
   Negative Voltage Regulators
More results

Similar Description - XC62KN551TH

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com