Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B18B-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B18B-13-F
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B18B-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  B18B-13-F Datasheet HTML 1Page - Diodes Incorporated B18B-13-F Datasheet HTML 2Page - Diodes Incorporated B18B-13-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30018 Rev. 6 - 2
2 of 3
B170/B - B1100/B
www.diodes.com
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
10
20
30
40
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half Sine-Wave
T = 150
°C
j
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T = 25°C
j
f = 1.0MHz
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (
°C)
T
Fig. 1 Forward Current Derating Curve
XXX = Product type marking code, ex: B170 (SMA package)
XXXX = Product type marking code, ex: B190B (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XXX(X)
Marking Information
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* x = Device type, e.g. B180-13-F (SMA package); B1100B-13-F (SMB package).
Device*
Packaging
Shipping
B1x-13-F
B1xB-13-F
SMA
SMB
5000/Tape & Reel
3000/Tape & Reel
Ordering Information (Note 4)


Similar Part No. - B18B-13-F

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B18B-KRWHK JST-B18B-KRWHK Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B18B-KRWHK-C JST-B18B-KRWHK-C Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B18B-KRWHK-F1 JST-B18B-KRWHK-F1 Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B18B-KRWHK-F1-1 JST-B18B-KRWHK-F1-1 Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B18B-KRWHK-F1-1D JST-B18B-KRWHK-F1-1D Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - B18B-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170BQ DIODES-B170BQ Datasheet
393Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170Q DIODES-B170Q Datasheet
314Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170 DIODES-B170_10 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1150 DIODES-DFLS1150_08 Datasheet
132Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200Q DIODES-DFLS1200Q Datasheet
309Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com