Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1424 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC1424
Description  1째C Temperature Sensor with Hardware Thermal Shutdown
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1424 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC1424 Datasheet HTML 7Page - SMSC Corporation EMC1424 Datasheet HTML 8Page - SMSC Corporation EMC1424 Datasheet HTML 9Page - SMSC Corporation EMC1424 Datasheet HTML 10Page - SMSC Corporation EMC1424 Datasheet HTML 11Page - SMSC Corporation EMC1424 Datasheet HTML 12Page - SMSC Corporation EMC1424 Datasheet HTML 13Page - SMSC Corporation EMC1424 Datasheet HTML 14Page - SMSC Corporation EMC1424 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
1°C Temperature Sensor with Hardware Thermal Shutdown
Datasheet
SMSC EMC1423/EMC1424
11
Revision 1.16 (03-15-07)
DATASHEET
Note 3.1
During the power up time, SMBus communication is permitted, however the SYS_SHDN
and ALERT pins must not be pulled low.
Internal Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
0°C < TA < 85°C
±2
°C
Temperature Resolution
0.125
°C
External Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
+20°C < TDIODE < +100°C
0°C < TA < 85°C
±0.5
±2
°C
-40°C < TDIODE < 127°C
Temperature Resolution
0.125
°C
tCONV
190
ms
EMC1423, default settings
tCONV
150
ms
EMC1424, default settings
Capacitive Filter
CFILTER
2.2
2.5
nF
Connected across external diode
ALERT and SYS_SHDN pins
Output Low Voltage
VOL
0.4
V
ISINK = 8mA
Power up time
15
ms
Temp selection read
Note 3.1
Table 3.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS


Similar Part No. - EMC1424

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1424 MICROCHIP-EMC1424 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC1424 MICROCHIP-EMC1424 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1424-1-AIZL-TR SMSC-EMC1424-1-AIZL-TR Datasheet
812Kb / 51P
   1째C Temperature Sensor with Hardware Thermal Shutdown
More results

Similar Description - EMC1424

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1422 SMSC-EMC1422_12 Datasheet
670Kb / 41P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
   1C Temperature Sensor with Hardware Thermal Shutdown
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
logo
Microchip Technology
EMC1187 MICROCHIP-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1072 SMSC-EMC1072 Datasheet
630Kb / 36P
   1째C Temperature Sensor with Selectable Address
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
   1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com