Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B380-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B380-13-F
Description  3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B380-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  B380-13-F Datasheet HTML 1Page - Diodes Incorporated B380-13-F Datasheet HTML 2Page - Diodes Incorporated B380-13-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B370 - B3100
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Surge Overload Rating to 100A Peak
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Application
Lead Free Finish/RoHS Compliant (Note 2)
Mechanical Data
Case: SMC
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.21 grams (approximate)
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B370
B380
B390
B3100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
@ TT =
90
°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
100
A
Forward Voltage @ IF = 3.0A
@ TA = 25°C
@ TA = 100°C
VFM
0.79
0.69
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
20
mA
Typical Total Capacitance (Note 1)
CT
100
pF
Typical Thermal Resistance Junction to Terminal
RθJT
10
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1.
Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
2.
RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
DS30020 Rev. 8 - 2
1 of 3
www.diodes.com
B370-B3100
© Diodes Incorporated
SPICE MODEL: B370 B380 B390 B3100


Similar Part No. - B380-13-F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
B380-C1000 EIC-B380-C1000 Datasheet
23Kb / 2P
   SILICON BRIDGE RECTIFIERS
B380-C1500R EIC-B380-C1500R Datasheet
23Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - B380-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B370-13 DIODES-B370-13 Datasheet
114Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370Q DIODES-B370Q Datasheet
293Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370 DIODES-B370_10 Datasheet
98Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 13 - 2
B370 DIODES-B370_15 Datasheet
114Kb / 4P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B370 DIODES-B370 Datasheet
45Kb / 2P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com