Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1202-AGZQ-TR Datasheet(PDF) 5 Page - SMSC Corporation

Part # EMC1202-AGZQ-TR
Description  Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1202-AGZQ-TR Datasheet(HTML) 5 Page - SMSC Corporation

  EMC1202-AGZQ-TR Datasheet HTML 1Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 2Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 3Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 4Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 5Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 6Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 7Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 8Page - SMSC Corporation EMC1202-AGZQ-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBusTMSensor Interface
Datasheet
SMSC EMC1201/EMC1202
5
Revision 1.0 (06-14-06)
DATASHEET
Chapter 2 Electrical Characteristics
Table 2.1 Electrical Characteristics
VDD=3.0V to 3.6V, TA= 0°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
545
560
μA
Active mode (continuous)
IPD
1.8
2
μA
Standby mode
Internal Temperature Measurement
Accuracy
±1
±3
°C0°C≤TA≤85°C
External Temperature Measurement (EMC1202 only)
Temperature Accuracy
Remote Diode 60
°C to 100°C
Remote Diode 0
°C to 125°C
± 1
± 3
°C
°C
15
°C≤TA≤70°C
0
°C≤TA≤85°C
ADC
Resolution
0.125
°C
Conversion Time per sensor
20
ms
Active mode (continuous)
See Section 3.3, "Power
Modes"


Similar Part No. - EMC1202-AGZQ-TR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EMC1200R AXIOMTEK-EMC1200R Datasheet
564Kb / 4P
   12-Bay Media Converter System
EMC1200RGS AXIOMTEK-EMC1200RGS Datasheet
564Kb / 4P
   12-Bay Media Converter System
EMC1200RLLC-10 AXIOMTEK-EMC1200RLLC-10 Datasheet
564Kb / 4P
   12-Bay Media Converter System
EMC1200RLLC-20 AXIOMTEK-EMC1200RLLC-20 Datasheet
564Kb / 4P
   12-Bay Media Converter System
EMC1200RSLC-10 AXIOMTEK-EMC1200RSLC-10 Datasheet
564Kb / 4P
   12-Bay Media Converter System
More results

Similar Description - EMC1202-AGZQ-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1203 SMSC-EMC1203 Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
EMC1203 SMSC-EMC1203_08 Datasheet
176Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8
logo
Analog Devices
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050_15 Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com