Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1033-ACZT-TR Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC1033-ACZT-TR
Description  1째C Triple SMBus Sensor with Resistance Error Correction
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1033-ACZT-TR Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC1033-ACZT-TR Datasheet HTML 7Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 8Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 9Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 10Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 11Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 12Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 13Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 14Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
1°C Triple SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1033
11
Revision 1.1 (01-19-07)
DATASHEET
is a function of temperature. The higher the temperature measured, the greater the error introduced.
To provide maximum flexibility to the user, the EMC1033 provides a 6-bit ideality factor register for
each remote diode. The ideality factor of the remote diode is programmed in these registers to
eliminate errors across all temperatures. See section Section 4.18, "Ideality Factor Register," on
page 19 for details on programming these registers.
4.4
Temperature Measurement Results and Data
The 11-bit temperature measurement results are stored in temperature value registers. The EMC1033
has two temperature ranges and the default range is from 0 to 127
°C. This range uses binary number
format, and the most significant bit is not used. The extended range is from –64
°C to +191°C and is
binary offset by 64
°C. Table 4.1 shows the two temperature data formats with an LSB equivalent to
0.125
°C. The format is selected as described in Section 4.11, "Configuration Register," on page 16
Note 4.1
Data in Binary Format reads 0000 0000 000 for all temperatures
≤ 0.00°C
Note 4.2
Data in Offset Binary Format reads 0000 0000 000 for all temperatures
≤ -64
°C
Note 4.3
Data in Binary Format reads 0111 1111 000 for all temperatures
≥ +127°C
Note 4.4
Data in Offset Binary Format reads 1111 1111 000 for all temperatures
≥ +191
°C
The 11-bit temperature data is stored with the 8 most significant bits stored in the High Byte register
and the 3 least significant bits in the Low Byte register. The Low Byte register contains the three least
significant bits as outlined in Table 4.2. These bits are stored in the upper three bits of the register,
and the five LSB positions of this register always read zero. In Table 4.2, the upper case “B” shows
the bit position of a 16-bit word created by concatenating the High Byte and Low Byte, and the lower
case “b” shows the bit position in the 11-bit temperature data. The resolution of the internal temperature
is 0.5
°C and the b1 and b0 bits of the Internal Temperature Value Low Byte register will always read 0.
Table 4.1 Temperature Data Format
ACTUAL TEMP.
(
°C)
DEFAULT RANGE
BINARY
EXTENDED RANGE
OFFSET BINARY
-63
0000 0000 000 Note 4.1
0000 0001 000 Note 4.2
-0.125
0000 0000 000 Note 4.1
0011 1111 111
0
0000 0000 000 Note 4.1
0100 0000 000
+0.125
0000 0000 001
0100 0000 001
+0.250
0000 0000 010
0100 0000 010
+1
0000 0001 000
0100 0001 000
+127
0111 1111 000 Note 4.3
1011 1110 000
+128
0111 1111 000 Note 4.3
1011 1111 000
+190
0111 1111 000 Note 4.3
1111 1110 000
+191
0111 1111 000 Note 4.3
1111 1111 000 Note 4.4
Table 4.2 Bit Position of Two Byte Values
HIGH BYTE
LOW BYTE
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0


Similar Part No. - EMC1033-ACZT-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1033-ACZB-TR SMSC-EMC1033-ACZB-TR Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1033-ACZL-TR SMSC-EMC1033-ACZL-TR Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
More results

Similar Description - EMC1033-ACZT-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1002 SMSC-EMC1002_07 Datasheet
347Kb / 21P
   1째C Dual SMBus Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com