Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1023-4-ACZL-TR Datasheet(PDF) 6 Page - SMSC Corporation

Part # EMC1023-4-ACZL-TR
Description  1째C Triple Temperature Sensor with Resistance Error Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1023-4-ACZL-TR Datasheet(HTML) 6 Page - SMSC Corporation

Back Button EMC1023-4-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction
Datasheet
Revision 1.2 (02-05-07)
6
SMSC EMC1023
DATASHEET
Note 2.1
300nS rise time max is required for 400kHz bus operation. For lower clock frequencies,
the maximum rise time is (0.1/FSMB)+50nS
Setup time Start
TSU:STA
0.6
μs
Setup time Stop
TSU:STO
0.6
μs
Data Hold Time
THD:DAT
0.3
μs
Data Setup Time
TSU:DAT
100
ns
Clock Low Period
TLOW
1.3
μs
Clock High Period
THIGH
0.6
μs
Clock/Data Fall Time
TF
*
300
ns
*Min = 20+0.1Cb ns
Clock/Data Rise Time
TR
*300
Note
2.1
ns
*Min = 20+0.1Cb ns
Capacitive Load (each bus line)
Cb
0.6
400
pF
Table 2.1 Electrical Characteristics (continued)
VDD=3.0V to 3.6V, TA= 0°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS


Similar Part No. - EMC1023-4-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023-4-ACZL-TR SMSC-EMC1023-4-ACZL-TR Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results

Similar Description - EMC1023-4-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com