Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4006-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1N4006-T
Description  1.0A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4006-T Datasheet(HTML) 3 Page - Diodes Incorporated

  1N4006-T Datasheet HTML 1Page - Diodes Incorporated 1N4006-T Datasheet HTML 2Page - Diodes Incorporated 1N4006-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS28002 Rev. 7 - 2
3 of 3
1N4001/L-1N4007/L
www.diodes.com
Ordering Information
Device
Packaging
Shipping
1N4001-A
DO-41 Plastic
5K/Ammo Pack
1N4001-B
DO-41 Plastic
1K/Bulk
1N4001-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4002-A
DO-41 Plastic
5K/Ammo Pack
1N4002-B
DO-41 Plastic
1K/Bulk
1N4002-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4003-A
DO-41 Plastic
5K/Ammo Pack
1N4003-B
DO-41 Plastic
1K/Bulk
1N4003-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4004-A
DO-41 Plastic
5K/Ammo Pack
1N4004-B
DO-41 Plastic
1K/Bulk
1N4004-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4005-A
DO-41 Plastic
5K/Ammo Pack
1N4005-B
DO-41 Plastic
1K/Bulk
1N4005-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4006-A
DO-41 Plastic
5K/Ammo Pack
1N4006-B
DO-41 Plastic
1K/Bulk
1N4006-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4007-A
DO-41 Plastic
5K/Ammo Pack
1N4007-B
DO-41 Plastic
1K/Bulk
1N4007-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
1N4001L-T
A-405
5K/Tape & Reel, 13-inch
1N4002L-T
A-405
5K/Tape & Reel, 13-inch
1N4003L-T
A-405
5K/Tape & Reel, 13-inch
1N4004L-T
A-405
5K/Tape & Reel, 13-inch
1N4005L-T
A-405
5K/Tape & Reel, 13-inch
1N4006L-T
A-405
5K/Tape & Reel, 13-inch
1N4007L-T
A-405
5K/Tape & Reel, 13-inch
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
(Note 5)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - 1N4006-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4006-T3 WTE-1N4006-T3 Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4006-T3 WTE-1N4006-T3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4006-TB WTE-1N4006-TB Datasheet
52Kb / 3P
   1.0A SILICON RECTIFIER
1N4006-TB WTE-1N4006-TB Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Micro Commercial Compon...
1N4006-TP MCC-1N4006-TP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
More results

Similar Description - 1N4006-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Vishay Siliconix
1N400X VISHAY-1N400X Datasheet
28Kb / 2P
   1.0A RECTIFIER
Rev. E-2
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
SB10-04A3 SANYO-SB10-04A3 Datasheet
65Kb / 3P
   40V, 1.0A Rectifier
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
   1.0A BRIDGE RECTIFIER
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
ER101 ZSELEC-ER101 Datasheet
136Kb / 2P
   1.0A SUPERFAST RECTIFIER
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
   1.0A Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com