Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETH06FP Datasheet(PDF) 6 Page - International Rectifier

Part # 15ETH06FP
Description  Hyperfast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETH06FP Datasheet(HTML) 6 Page - International Rectifier

  15ETH06FP Datasheet HTML 1Page - International Rectifier 15ETH06FP Datasheet HTML 2Page - International Rectifier 15ETH06FP Datasheet HTML 3Page - International Rectifier 15ETH06FP Datasheet HTML 4Page - International Rectifier 15ETH06FP Datasheet HTML 5Page - International Rectifier 15ETH06FP Datasheet HTML 6Page - International Rectifier 15ETH06FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
15ETH06FP
Bulletin PD-20765 rev. A 02/04
6
www.irf.com
Outline Table
Dimensions in millimeters
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (15 = 15A)
2
-
E
= Single Diode
3
-
T
= TO-220
4
-
H
= HyperFast Recovery
5
-
Voltage Rating (06 = 600V)
6
-
TO-220 FULLPACK
15
E
T
H
06
FP
6


Similar Part No. - 15ETH06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETH06FP IRF-15ETH06FP Datasheet
235Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETH06FP VISHAY-15ETH06FP Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
15ETH06FP-N3 VISHAY-15ETH06FP-N3 Datasheet
195Kb / 9P
   Ultrafast Rectifier, 15 A Fred Pt®
Revision: 02-Jan-12
logo
International Rectifier
15ETH06FPPBF IRF-15ETH06FPPBF Datasheet
235Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETH06FPPBF VISHAY-15ETH06FPPBF Datasheet
129Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 28-May-08
More results

Similar Description - 15ETH06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com