Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10A06-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 10A06-T
Description  10A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

10A06-T Datasheet(HTML) 2 Page - Diodes Incorporated

  10A06-T Datasheet HTML 1Page - Diodes Incorporated 10A06-T Datasheet HTML 2Page - Diodes Incorporated 10A06-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS28010 Rev. 4 - 2
2 of 3
10A01-10A07
www.diodes.com
2.0
4.0
6.0
8.0
0
0
TA, AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
0
200
400
600
800
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
1.0
T= 25°C
f=1MHz
j
10A01 - 10A04
10A05 - 10A07
Ordering Information
Device
Packaging
Shipping
10A01-T
R-6
500/Tape & Reel, 13-inch
10A02-T
R-6
500/Tape & Reel, 13-inch
10A03-T
R-6
500/Tape & Reel, 13-inch
10A04-T
R-6
500/Tape & Reel, 13-inch
10A05-T
R-6
500/Tape & Reel, 13-inch
10A06-T
R-6
500/Tape & Reel, 13-inch
10A07-T
R-6
500/Tape & Reel, 13-inch
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
(Note 4)


Similar Part No. - 10A06-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A06 DIODES-10A06 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A06 MCC-10A06 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
10A06 TSC-10A06 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A06 CHENYI-10A06 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
logo
EIC discrete Semiconduc...
10A06 EIC-10A06 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 10A06-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A01 DIODES-10A01 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
10A01 DIODES-10A01_15 Datasheet
63Kb / 3P
   10A RECTIFIER
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
   10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H45C GAMMA-GMR10H45C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com