Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB97C223 Datasheet(PDF) 2 Page - SMSC Corporation

Part # USB97C223
Description  Bus Powered USB 2.0 Flash Media Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C223 Datasheet(HTML) 2 Page - SMSC Corporation

  USB97C223 Datasheet HTML 1Page - SMSC Corporation USB97C223 Datasheet HTML 2Page - SMSC Corporation USB97C223 Datasheet HTML 3Page - SMSC Corporation USB97C223 Datasheet HTML 4Page - SMSC Corporation USB97C223 Datasheet HTML 5Page - SMSC Corporation USB97C223 Datasheet HTML 6Page - SMSC Corporation USB97C223 Datasheet HTML 7Page - SMSC Corporation USB97C223 Datasheet HTML 8Page - SMSC Corporation USB97C223 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Bus Powered USB 2.0 Flash Media Controller
Datasheet
Revision 1.5 (01-06-05)
Page 2
SMSC USB97C223
DATASHEET
ORDERING INFORMATION
Order Number(s):
USB97C223-NE for 128 pin TQFP package
USB97C223-NU for 128 pin TQFP package (green, lead-free)
80 Arkay Drive
Hauppauge, NY 11788
(631) 435-6000
FAX (631) 273-3123
Copyright © SMSC 2005. All rights reserved.
Circuit diagrams and other information relating to SMSC products are included as a means of illustrating typical applications. Consequently, complete
information sufficient for construction purposes is not necessarily given. Although the information has been checked and is believed to be accurate, no
responsibility is assumed for inaccuracies. SMSC reserves the right to make changes to specifications and product descriptions at any time without
notice. Contact your local SMSC sales office to obtain the latest specifications before placing your product order. The provision of this information
does not convey to the purchaser of the described semiconductor devices any licenses under any patent rights or other intellectual property rights of
SMSC or others. All sales are expressly conditional on your agreement to the terms and conditions of the most recently dated version of SMSC's
standard Terms of Sale Agreement dated before the date of your order (the "Terms of Sale Agreement"). The product may contain design defects or
errors known as anomalies which may cause the product's functions to deviate from published specifications. Anomaly sheets are available upon
request. SMSC products are not designed, intended, authorized or warranted for use in any life support or other application where product failure
could cause or contribute to personal injury or severe property damage. Any and all such uses without prior written approval of an Officer of SMSC
and further testing and/or modification will be fully at the risk of the customer. Copies of this document or other SMSC literature, as well as the Terms
of Sale Agreement, may be obtained by visiting SMSC’s website at http://www.smsc.com. SMSC is a registered trademark of Standard Microsystems
Corporation (“SMSC”). Product names and company names are the trademarks of their respective holders.
SMSC DISCLAIMS AND EXCLUDES ANY AND ALL WARRANTIES, INCLUDING WITHOUT LIMITATION ANY AND ALL IMPLIED WARRANTIES
OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND AGAINST INFRINGEMENT AND THE LIKE, AND ANY AND
ALL WARRANTIES ARISING FROM ANY COURSE OF DEALING OR USAGE OF TRADE.
IN NO EVENT SHALL SMSC BE LIABLE FOR ANY DIRECT, INCIDENTAL, INDIRECT, SPECIAL, PUNITIVE, OR CONSEQUENTIAL DAMAGES;
OR FOR LOST DATA, PROFITS, SAVINGS OR REVENUES OF ANY KIND; REGARDLESS OF THE FORM OF ACTION, WHETHER BASED ON
CONTRACT; TORT; NEGLIGENCE OF SMSC OR OTHERS; STRICT LIABILITY; BREACH OF WARRANTY; OR OTHERWISE; WHETHER OR
NOT ANY REMEDY OF BUYER IS HELD TO HAVE FAILED OF ITS ESSENTIAL PURPOSE, AND WHETHER OR NOT SMSC HAS BEEN
ADVISED OF THE POSSIBILITY OF SUCH DAMAGES.


Similar Part No. - USB97C223

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C223 SMSC-USB97C223 Datasheet
358Kb / 4P
   capacitor Selection for Internal Regulator Output Pins
More results

Similar Description - USB97C223

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB2223-03 SMSC-USB2223-03_06 Datasheet
166Kb / 20P
   Bus Powered USB2.0 Flash Media Controller
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
   USB 2.0 Flash Media Controller
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
   USB 2.0 FLASH MEDIA CONTROLLER
USB2224 SMSC-USB2224_06 Datasheet
167Kb / 20P
   Bus Powered USB2.0 Flash Media Controller
USB2224 SMSC-USB2224 Datasheet
286Kb / 20P
   BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
logo
Microchip Technology
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
   Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
logo
SMSC Corporation
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
   Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
   Ultra Fast USB 2.0 SD/MMC Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
   Ultra Fast USB 2.0 Multi-Format Flash Media Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com