Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10A03-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 10A03-T
Description  10A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

10A03-T Datasheet(HTML) 1 Page - Diodes Incorporated

  10A03-T Datasheet HTML 1Page - Diodes Incorporated 10A03-T Datasheet HTML 2Page - Diodes Incorporated 10A03-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS28010 Rev. 4 - 2
1 of 3
10A01-10A07
www.diodes.com
ã Diodes Incorporated
10A01 - 10A07
10A RECTIFIER
Features
A
A
B
C
D
R-6
Dim
Min
Max
A
25.40
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 600A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: R-6
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 2.1 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
10A01
10A02
10A03
10A04
10A05
10A06
10A07
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
600
A
Forward Voltage
@ IF = 10A
VFM
1.0
V
10Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
10
100
µA
Typical Total Capacitance (Note 2)
CT
150
80
pF
Typical Thermal Resistance Junction to Ambient
RqJA
10
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: 10A01 10A02 10A03 10A04 10A05 10A06 10A07


Similar Part No. - 10A03-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A03 DIODES-10A03 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A03 MCC-10A03 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
10A03 TSC-10A03 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A03 CHENYI-10A03 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
logo
EIC discrete Semiconduc...
10A03 EIC-10A03 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 10A03-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A01 DIODES-10A01 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
10A01 DIODES-10A01_15 Datasheet
63Kb / 3P
   10A RECTIFIER
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
   10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H45C GAMMA-GMR10H45C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com