Part Name
         Description
USB97C102

 Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB ( 80 Page)


SMSC
100% 
Zoom Out Zoom In
 
 5 page
background image
SMSC DS – USB97C102
Page 5
Rev. 03/23/2000
DESCRIPTION OF PIN FUNCTIONS
Table 1 - USB97C102 Pin Configuration
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
ISA INTERFACE
100
READY
Channel is ready when high.
ISA memory or slave devices use this signal to lengthen a bus
cycle from the default time. Extending the length of the bus cycle
can only be done when the bus cycles are derived from the Internal
DMA controller core. 8051 MCU generated Memory or I/O accesses
cannot and will not be extended even if READY is asserted low by
an external ISA slave device. The external slave device negates this
signal after decoding a valid address and sampling the command
signals (nIOW, nIOR, nMEMW, and nMEMR). When the slave’s
access has completed, this signal should be allowed to float high.
IP
104, 106,
108, 110
DRQ[3:0]
DMA Request channels 3-0; active high.
These signals are used to request DMA service from the DMA controller.
The requesting device must hold the request signal until the DMA
controller drives the appropriate DMA acknowledge signal (nDACK[3:0]).
I
105, 107,
109, 111
nDACK
[3:0]
DMA Acknowledge channels 3-0; active low.
These signals are used to indicate to the DMA requesting device that it
has been granted the ISA bus.
O8
103
TC
DMA Terminal Count; active high.
This signal is used to indicate that a DMA transfer has completed.
O8
19-13, 127-7,
9-12
SA[19:0]
System Address Bus
These signals address memory or I/O devices on the ISA bus.
O8
112-115, 117-
120
SD[7:0]
System Data Bus
These signals are used to transfer data between system devices.
I/O8
122
AEN
Address Enable
This signal indicates address validation to I/O devices. When low this
signal indicates that an I/O slave may respond to addresses and I/O
commands on the bus. This signal is high during DMA cycles to prevent
I/O slaves from interpreting DMA cycles as valid I/O cycles.
O8
123
nIOW
I/O Write; active low.
This signal indicates to the addressed ISA I/O slave to latch data from
the ISA bus.
O8
124
nIOR
I/O Read; active low.
This signal indicates to the addressed ISA I/O slave to drive data on the
ISA bus.
O8
125
nMEMR
Memory read; active low
This signal indicates to the addressed ISA memory slave to drive
data on the ISA bus.
O8
126
nMEMW
Memory write; active low
This signal indicates to the addressed ISA memory slave to latch data
from the ISA bus.
O8
102
nMASTER
External Bus master, active low
This signal forces the USB97C102 to immediately tri-state its external
bus, even if internal transactions are not complete. All shared ISA
signals are tri-stated, except 8237 nDACKs, which can be used in gang
mode to provide external bus-master handshaking. This pin must be
used with some handshake mechanism to avoid data corruption.
IP
21-24
IRQ[3:0]
Interrupt Request 3-0; active high
These signals are driven by ISA devices on the ISA bus to interrupt the
8051.
I



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT43USB326_06Multimedia USB Keyboard Controller with Embedded Hub 1 2 3 4 5 MoreATMEL Corporation
AT43USB325_05Multimedia USB Keyboard Controller with Embedded Hub 1 2 3 4 5 MoreATMEL Corporation
USB97C100Multi-Endpoint USB Peripheral Controller 1 2 3 4 5 MoreSMSC Corporation
W81282FUSB Keyboard Controller with 4 Ports Hub 1 2 3 4 5 MoreWinbond
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
BCM5705_0410/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER 1 2 Broadcom Corporation.
AT43USB353M_04Low Cost Full-speed USB Microcontroller with Embedded Hub ADC and PWM 1 2 3 4 5 MoreATMEL Corporation
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
NCP5322A_07Two−Phase Buck Controller with Integrated Gate Drivers and 5−Bit DAC 1 2 3 4 5 MoreON Semiconductor
AT43USB355_06Full-speed USB Microcontroller with Embedded Hub ADC and PWM 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl