Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C100FD Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN91C100FD_06 Datasheet HTML 6Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 7Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 8Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 9Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 10Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 11Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 12Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 13Page - SMSC Corporation LAN91C100FD_06 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
SMSC DS – LAN91C100FD REV. B
Page 10
Rev. 01-20-06
Table 1 - LAN91C100FD Pin Requirements
FUNCTION
PIN SYMBOLS
NUMBER OF PINS
System Address Bus
A1-A15, AEN, nBE0-nBE3
20
System Data Bus
D0-D31
32
System Control Bus
RESET, nADS, LCLK, ARDY,
nRDYRTN, nSRDY, INTR0-
INTR3, nLDEV, nRD, nWR,
nDATACS, nCYCLE, W/nR,
nVLBUS
17
Serial EEPROM
EEDI, EEDO, EECS, EESK,
ENEEP, IOS0-IOS2
8
RAM Data Bus
RD0-RD31
32
RAM Address Bus
RA2-RA16
15
RAM Control Bus
nROE, nRWE0-nRWE3,
RCVDMA, RDMAH
7
Crystal Oscillator
XTAL1, XTAL2
2
Power
VDD, AVDD
19
Ground
GND, AGND
21
External ENDEC 10 Mbps
TXEN, TXD, CRS, COL, RXD,
TXC, RXC, LBK, nLNK,
nFSTEP, AUISEL, MIISEL
12
Physical Interface 100 Mbps
TXEN100, CRS100, COL100,
RX_DV, RX_ER, TXD0-TXD3,
RXD0-RXD3, MDI, MDO, MCLK
16
Clocks
TX25, RX25
2
Miscellaneous
nCSOUT, nRXDISC
2
TOTAL
205
FIGURE 1 - LAN91C100FD BLOCK DIAGRAM
BUS
INTERFACE
UNIT
ARBITER
MEMORY
MANAGEMENT
UNIT
DIRECT
MEMORY
ACCESS
MEDIA
ACCESS
CONTROL
SERIAL
EEPROM
RD
FIFO
WR
FIFO
Address
Data
Control
RAM
25 MHz
10 Mb
Interface
100
Media
Independent
Interface


Similar Part No. - LAN91C100FD_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results

Similar Description - LAN91C100FD_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com