Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C100 Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN91C100
Description  FEAST??Fast Ethernet Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN91C100 Datasheet HTML 6Page - SMSC Corporation LAN91C100 Datasheet HTML 7Page - SMSC Corporation LAN91C100 Datasheet HTML 8Page - SMSC Corporation LAN91C100 Datasheet HTML 9Page - SMSC Corporation LAN91C100 Datasheet HTML 10Page - SMSC Corporation LAN91C100 Datasheet HTML 11Page - SMSC Corporation LAN91C100 Datasheet HTML 12Page - SMSC Corporation LAN91C100 Datasheet HTML 13Page - SMSC Corporation LAN91C100 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
10
DESCRIPTION OF PIN FUNCTIONSOF PIN FUNCTIONSPIN FUNCTIONS
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
198
Manage-
ment Data
Input
MDI
IP
MII management data input.
196
Manage-
ment Data
Output
MDO
O4
MII management data output.
192
Manage-
ment Clock
MCLK
O4
MII management clock.
11
Receive
Error
RX_ER
ID
Input.
Indicates a code error detected by
PHY. Used by the LAN91C100 to discard
the packet being received.
The error
indication reported for this event is the same
as a bad CRC (Receive Status Word bit 13).
This pin is ignored when MIISEL is low.
204
Bias
Resistor
RBIAS
Analog
Input
A bias resistor is connected between this pin
and ground. Nominal value is TBD.
7
nChip
Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping
of PHY functions into LAN91C100 decoded
space. Active on accesses to LAN91C100's
eight lower addresses when the BANK
SELECTED is 7.


Similar Part No. - LAN91C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD-SS SMSC-LAN91C100-FD-SS Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results

Similar Description - LAN91C100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
   Fast Ethernet MAC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com