Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2150T5L Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPG2150T5L
Description  SP3T SWITCH FOR BluetoothTM AND 802.11b/g
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2150T5L Datasheet(HTML) 4 Page - California Eastern Labs

  UPG2150T5L Datasheet HTML 1Page - California Eastern Labs UPG2150T5L Datasheet HTML 2Page - California Eastern Labs UPG2150T5L Datasheet HTML 3Page - California Eastern Labs UPG2150T5L Datasheet HTML 4Page - California Eastern Labs UPG2150T5L Datasheet HTML 5Page - California Eastern Labs UPG2150T5L Datasheet HTML 6Page - California Eastern Labs UPG2150T5L Datasheet HTML 7Page - California Eastern Labs UPG2150T5L Datasheet HTML 8Page - California Eastern Labs UPG2150T5L Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVALUATION CIRCUIT
Vcont1
Vcont3
RF1
RF3
RF2
56 pF
56 pF
56 pF
1 000 pF
1 000 pF
1 000 pF
ANT
56 pF
Vcont2
12
11
10
9
8
7
4
56
1
2
3
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
Data Sheet PG10653EJ01V0DS
4
PG2150T5L


Similar Part No. - UPG2150T5L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L Datasheet
1Mb / 7P
   GaAs INTEGRATED CIRCUIT
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2150T5L RENESAS-UPG2150T5L Datasheet
303Kb / 11P
   GaAs INTEGRATED CIRCUIT
2007
logo
NEC
UPG2150T5L-E2 NEC-UPG2150T5L-E2 Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2150T5L-E2 RENESAS-UPG2150T5L-E2 Datasheet
303Kb / 11P
   GaAs INTEGRATED CIRCUIT
2007
More results

Similar Description - UPG2150T5L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2413T6M RENESAS-UPG2413T6M Datasheet
248Kb / 15P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2413T6Z RENESAS-UPG2413T6Z Datasheet
240Kb / 13P
   GaAs Integrated Circuit SP3T Switch for BluetoothTM and 802.11b/g
logo
Skyworks Solutions Inc.
SKY13251-349 SKYWORKS-SKY13251-349 Datasheet
279Kb / 5P
   SP3T Switch for Bluetooth짰 and 802.11b, g
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
Renesas Technology Corp
UPG2430T6Z-E2-A RENESAS-UPG2430T6Z-E2-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit SP3T Switch for Bluetooth짰 and 802.11a/b/g
UPG2430T6Z RENESAS-UPG2430T6Z Datasheet
327Kb / 15P
   GaAs Integrated Circuit SP3T Switch for Bluetooth® and 802.11a/b/g
Oct 24, 2011
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
   802.11b/g module
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com