Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF540 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IRF540
Description  N-channel TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF540 Datasheet(HTML) 2 Page - NXP Semiconductors

  IRF540 Datasheet HTML 1Page - NXP Semiconductors IRF540 Datasheet HTML 2Page - NXP Semiconductors IRF540 Datasheet HTML 3Page - NXP Semiconductors IRF540 Datasheet HTML 4Page - NXP Semiconductors IRF540 Datasheet HTML 5Page - NXP Semiconductors IRF540 Datasheet HTML 6Page - NXP Semiconductors IRF540 Datasheet HTML 7Page - NXP Semiconductors IRF540 Datasheet HTML 8Page - NXP Semiconductors IRF540 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF540, IRF540S
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 10 A;
-
230
mJ
energy
t
p = 350 µs; Tj prior to avalanche = 25˚C;
V
DD ≤ 25 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:14
I
AS
Peak non-repetitive
-
23
A
avalanche current
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
1.5
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT78 package, in free air
-
60
-
K/W
to ambient
SOT404 package, pcb mounted, minimum
-
50
-
K/W
footprint
ELECTRICAL CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
100
-
-
V
voltage
T
j = -55˚C
89
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2
3
4
V
T
j = 175˚C
1
-
-
V
T
j = -55˚C
-
-
6
V
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 17 A
-
49
77
m
resistance
T
j = 175˚C
-
132
193
m
g
fs
Forward transconductance
V
DS = 25 V; ID = 17 A
8.7
15.5
-
S
I
GSS
Gate source leakage current V
GS = ± 20 V; VDS = 0 V
-
10
100
nA
I
DSS
Zero gate voltage drain
V
DS = 100 V; VGS = 0 V
-
0.05
10
µA
current
V
DS = 80 V; VGS = 0 V; Tj = 175˚C
-
-
250
µA
Q
g(tot)
Total gate charge
I
D = 17 A; VDD = 80 V; VGS = 10 V
-
-
65
nC
Q
gs
Gate-source charge
-
-
10
nC
Q
gd
Gate-drain (Miller) charge
-
-
29
nC
t
d on
Turn-on delay time
V
DD = 50 V; RD = 2.2 Ω;-
8
-
ns
t
r
Turn-on rise time
V
GS = 10 V; RG = 5.6 Ω
-39
-
ns
t
d off
Turn-off delay time
Resistive load
-
26
-
ns
t
f
Turn-off fall time
-
24
-
ns
L
d
Internal drain inductance
Measured tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
890
1187
pF
C
oss
Output capacitance
-
139
167
pF
C
rss
Feedback capacitance
-
83
109
pF
August 1999
2
Rev 1.100


Similar Part No. - IRF540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
   N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
IRF540 DOINGTER-IRF540 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
   N-Channel Power MOSFETs, 27 A, 60-100V
logo
List of Unclassifed Man...
IRF540 ETC2-IRF540 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRF540 IRF-IRF540 Datasheet
177Kb / 6P
   HEXFET POWER MOSFET
More results

Similar Description - IRF540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com