Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B78X Datasheet(PDF) 8 Page - SMSC Corporation

Part # FDC37B78X
Description  Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 8 Page - SMSC Corporation

Back Button FDC37B78X_07 Datasheet HTML 4Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 5Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 6Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 7Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 8Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 9Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 10Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 11Page - SMSC Corporation FDC37B78X_07 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 249 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER TYPE
PROCESSOR/HOST INTERFACE (40)
44-47,
49-52
System Data Bus
8
SD[0:7]
IO12
23-38
16-bit System Address Bus
16
SA[0:15]
I
43
Address Enable
1
AEN
I
64
I/O Channel Ready
1
IOCHRDY
OD12
53
ISA Reset Drive
1
RESET_DRV
IS
40
Serial IRQ/IRQ15
1
SER_IRQ
IO12
39
PCI Clock/IRQ14/GP50
1
PCI_CLK
IO12
55
DMA Request 0
1
DRQ0
O12
57
DMA Request 1
1
DRQ1
O12
59
DMA Request 2
1
DRQ2
O12
61
DMA Request 3
1
DRQ3
O12
54
DMA Acknowledge 0
1
nDACK0
I
56
DMA Acknowledge 1
1
nDACK1
I
58
DMA Acknowledge 2
1
nDACK2
I
60
DMA Acknowledge 3
1
nDACK3
I
63
Terminal Count
1
TC
I
41
I/O Read
1
nIOR
I
42
I/O Write
1
nIOW
I
CLOCKS (4)
22
14.318MHz Clock Input
1
CLOCKI
I
66
32.768kHz Crystal Input
1
XTAL1
ICLK
68
32.768kHz Crystal Driver
1
XTAL2
OCLK
18
32.768kHz Clock Out
1
CLK32OUT
O8
POWER PINS (10)
62, 93,
121
+5V Supply Voltage
3
VCC


Similar Part No. - FDC37B78X_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B78X_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
logo
Microsemi Corporation
SIO1049 MICROSEMI-SIO1049 Datasheet
199Kb / 6P
   Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
   SERIAL I/O REAL TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com