Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMO5TC Datasheet(PDF) 1 Page - MTRONPTI

Part # CMO5TC
Description  5 x 7 mm, 5.0 Volt, CMOS/TTL, Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

CMO5TC Datasheet(HTML) 1 Page - MTRONPTI

  CMO5TC Datasheet HTML 1Page - MTRONPTI CMO5TC Datasheet HTML 2Page - MTRONPTI CMO5TC Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
TTL/CMOS Compatible
Tri-State Feature for Auto Test Systems
Tape & Reel Packaging
±20ppm Available - Please Contact Factory
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
CMO5
Frequency Range (MHz)
1.5 to 156.250
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
-40°C to +85°C
±50
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-40°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Input Current (mA)
1.5MHz to 30MHz
Symmetry (%) TTL/CMOS
45/55
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
CMO5XXXX - Specify Frequency
“C” = CMOS
“T” = TTL
“Blank” = 0oC to 70oC Operating Temp.
“M” = -40oC to 85oC Operating Temp.
“A” = ±25ppm (-40oC to 85oC Excluding Aging)
“B” = ±50ppm
“C” = ±100ppm
“D” = ±20ppm Excluding Aging (Contact Factory)
“Blank” = Fixed Frequency
“E” = Tri-State
CMO5 Series
5V 5x7mm Surface Mount Crystal Clock Oscillators
<10
10TTL/15pF
Load
Transistion Times
Rise Time (ns)
Fall Time (ns)
<5
<5
“0” Level (VOL)
“1” Level (VOH)
0.5V
2.4V/4.5V
>30MHz to 50MHz
<30
>50MHz to 156.250MHz
<50
1.5MHz to 50MHz
>50MHz to 156.250MHz
<3
<3
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE M1 PRODUCT SERIES.
Revision: 03-01-07
CMO5 Series
5 x 7 mm, 5.0 Volt, CMOS/TTL, Clock Oscillator


Similar Part No. - CMO5TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO5TC ETC1-CMO5TC Datasheet
409Kb / 2P
   5V 5x7mm Surface Mount Crystal Clock Oscillators
CMO5TCE ETC1-CMO5TCE Datasheet
409Kb / 2P
   5V 5x7mm Surface Mount Crystal Clock Oscillators
More results

Similar Description - CMO5TC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
CMO3 MTRONPTI-CMO3 Datasheet
379Kb / 3P
   5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
MHR MTRONPTI-MHR_07 Datasheet
404Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR MTRONPTI-MHR Datasheet
259Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M113FAN MTRONPTI-M113FAN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR_0611 MTRONPTI-MHR_0611 Datasheet
290Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500_08 Datasheet
249Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500_07 Datasheet
190Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500F MTRONPTI-K500F Datasheet
279Kb / 2P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500 Datasheet
214Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com