Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555CN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ICM7555CN
Description  General purpose CMOS timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ICM7555CN Datasheet(HTML) 2 Page - NXP Semiconductors

  ICM7555CN Datasheet HTML 1Page - NXP Semiconductors ICM7555CN Datasheet HTML 2Page - NXP Semiconductors ICM7555CN Datasheet HTML 3Page - NXP Semiconductors ICM7555CN Datasheet HTML 4Page - NXP Semiconductors ICM7555CN Datasheet HTML 5Page - NXP Semiconductors ICM7555CN Datasheet HTML 6Page - NXP Semiconductors ICM7555CN Datasheet HTML 7Page - NXP Semiconductors ICM7555CN Datasheet HTML 8Page - NXP Semiconductors ICM7555CN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
ICM7555
General purpose CMOS timer
August 31, 1994
338
EQUIVALENT BLOCK DIAGRAM
NOTE:
UNUSED INPUTS SHOULD BE CONNECTED TO APPROPRIATE VOLTAGE FROM TRUTH TABLE.
V
DD
8
R
6
5
2
R
1
R
COMPARATOR
A
COMPARATOR
B
FLIP–FLOP
RESET
4
OUTPUT
DRIVERS
3
OUTPUT
DISCHARGE
7
N
1
+
+
THRESHOLD
CONTROL
VOLTAGE
TRIGGER
TRUTH TABLE
THRESHOLD VOLTAGE
TRIGGER VOLTAGE
RESET1
OUTPUT
DISCHARGE SWITCH
DON’T CARE
DON’T CARE
LOW
LOW
ON
>2/3(V+)
> 1/3(V+)
HIGH
LOW
ON
VTH < 2/3
VTR > 1/3
HIGH
STABLE
STABLE
DON’T CARE
<1/3(V+)
HIGH
HIGH
OFF
NOTES:
1. RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD.
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNITS
VDD
Supply voltage
+18
V
VTRIG1
Trigger input voltage
VCV
Control voltage
> -0.3 to
VTH
Threshold input voltage
<VDD + 0.3
V
VRST
RESET input voltage
IOUT
Output current
100
mA
PDMAX
Maximum power dissipation, TA = 25°C (still air)2
N package
1160
mW
D package
780
mW
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead temperature (Soldering 60s)
300
°C
NOTES:
1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than
VDD + 0.3V or less than GND -0.3V may cause destructive latch-up. For this reason it is recommended that no inputs from external sources
not operating from the same power supply be applied to the device before its power supply is established. In multiple systems, the supply of
the ICM7555 must be turned on first.
2. Derate above 25
°C, at the following rates:
N package at 9.3mW/
°C
D package at 6.2mW/
°C
3. See “Power Dissipation Considerations” section.


Similar Part No. - ICM7555CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555CN NXP-ICM7555CN Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555CN NXP-ICM7555CN Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
More results

Similar Description - ICM7555CN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
   CMOS general purpose timer
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
   CMOS general purpose timer
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
   CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
   CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
   CMOS general purpose timer
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
   General-Purpose Timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
   General purpose timer
logo
Sanyo Semicon Device
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
   General-Purpose Timer?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com