Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTRM800 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HTRM800
Description  HITAG long range reader module hardware
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRM800 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HTRM800 Datasheet HTML 3Page - NXP Semiconductors HTRM800 Datasheet HTML 4Page - NXP Semiconductors HTRM800 Datasheet HTML 5Page - NXP Semiconductors HTRM800 Datasheet HTML 6Page - NXP Semiconductors HTRM800 Datasheet HTML 7Page - NXP Semiconductors HTRM800 Datasheet HTML 8Page - NXP Semiconductors HTRM800 Datasheet HTML 9Page - NXP Semiconductors HTRM800 Datasheet HTML 10Page - NXP Semiconductors HTRM800 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2001 Oct 04
7
Philips Semiconductors
Product specification
HITAG long range reader module
hardware
HTRM800 family
7.3.2
INTERFACE MICROCONTROLLER TO HOST
The device communicates with the host system via a serial
interface using a baud rate of 9600 baud. Data transfer
details are: 1 start bit, 8 data bits, 1 stop bit, no parity bit
and the least significant bit is sent first.
Version HTRM800/AED has an integrated RS232 level
driver. Version HTRM800/CED is wired with an RS485
level driver and version HTRM800/EED is wired with a
CMOS level driver.
7.3.3
TRANSMITTING PART
For transmitting power and data to the transponder a
125 kHz sine signal is switched by the microcontroller and
amplified. The amplifier is designed as a current source.
A voltage limiter is used to clamp the output voltage of the
amplifier during the decay and transient phases of the sine
signal.
7.3.4
RECEIVING PART
After filtering and demodulation of the amplitude
modulated signal received from the transponder, the
received data is converted and passed to the Digital Signal
Processing (DSP) unit for further processing.
7.3.5
DIGITAL SIGNAL PROCESSING UNIT
The receiving part of the reader module includes
bandpass filters which attenuate disturbances (3 dB
attenuation at 105 and 145 kHz). For disturber
frequencies near the 125 kHz (e.g. harmonics of the line
frequency of PC monitors, long wave transmitters) a
fourier transformation is used to recognize harmonic
disturbers and to eliminate their influence. The DSP is also
responsible for separating the responses of different
transponders during anticollison cycles (multiple
transponder operation).
7.3.6
PERIODIC DISTURBERS
There are a couple of possible sources for disturbances for
a 125 kHz system like HITAG. The HTRM800 is designed
to handle this problem and achieve optimal performance
under worst conditions.
Long wave transmitters, other 125 kHz systems and
PC monitors are examples for periodic disturbers which
can be relevant for 125 kHz systems. To eliminate these
disturbers the digital signal processing unit is used.
After the command StartFFT is sent to the reader module
a Fast Fourier Transformation (FFT) is started to locate
periodic disturbers. After about 110 ms this calculation is
finished and for the following communication between
reader module and transponder the located disturbers are
eliminated. The command StartFFT should be executed
as often as the application allows.
Remarks:
1. The DSP is able to suppress up to two harmonic
electromagnetic disturbances
2. During FFT is running (about 110 ms) communication
with a transponder is not possible.
7.3.7
VOLTAGE REGULATING UNIT
The reader module contains some filtering circuits which
supply all parts of the reader module with the required
voltages. Nevertheless some requirements are to be
fulfilled by the external power supply. This means the
maximum ripple of the supply voltages must not exceed
the values specified in Chapter 8.
7.3.8
STANDBY MODE
The HTRM800 offers a software controlled standby mode.
This mode can be activated and deactivated by the host
system. During the standby mode the amplifier is turned off
and the power consumption decreases drastically.
7.3.9
BEHAVIOUR WITH HITAG 1 TRANSPONDERS
If several HITAG 1 transponders arrive simultaneously
within the communication field of the antenna of a
HTRM800, all the transponders (theoretically up to 232)
within the communication field of the antenna can be read
and written simultaneously. Because of the mutual
influence of the transponder coils - they detune each other
if there are too many too close to each other - the number
of the transponders that can be operated simultaneously is
limited.
7.3.10
BEHAVIOUR WITH HITAG 2 TRANSPONDERS
If several HITAG 2 transponders arrive simultaneously
within the communication field of the antenna of a
HTRM800, the ‘stronger’ transponder (the nearer one)
takes over or - under special circumstances - no
communication takes place. If the transponders arrive in
the field one after the other, communication is established
with the first one, all the other transponders are ignored.
This ensures that no two (or several) HITAG 2
transponders will ever be processed (above all written to!)
accidentally at the same time. By muting a selected
HITAG 2 transponder (HALT mode) another HITAG 2
transponder that is to be found in the communication field
of the antenna can be recognized.


Similar Part No. - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/AIE PHILIPS-HTRM440/AIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/BIE PHILIPS-HTRM440/BIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM440/CIE PHILIPS-HTRM440/CIE Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
More results

Similar Description - HTRM800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
   I-CODE Long range reader module hardware
2002 May 24
HTCM400 PHILIPS-HTCM400 Datasheet
112Kb / 24P
   HITAG core module hardware
2001 Oct 04
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
   HITAG long range evaluation kit
2001 Sep 24
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
   HITAG reader chip
2001 Nov 23
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
RI-STU-655A TI-RI-STU-655A Datasheet
173Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6550 Long Range Reader (Housed)
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
logo
Advantech Co., Ltd.
TREK-132-FL ADVANTECH-TREK-132-FL Datasheet
319Kb / 1P
   Long-Range Driver Behavior Recognition Module
4-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com