Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU604 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBU604
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBU604 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBU604 Datasheet HTML 1Page - Diodes Incorporated GBU604 Datasheet HTML 2Page - Diodes Incorporated GBU604 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21226 Rev. 7 - 2
1 of 3
GBU6005-GBU610
www.diodes.com
ã Diodes Incorporated
GBU6005 - GBU610
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Unit mounted on 50mm x 50mm x 1.6mm copper plate heatsink.
2. Non-repetitive, for t > 1.0ms and < 8.3ms.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Case: GBU
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Terminals: Plated Leads. Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Tin Finish)
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Date Code and Type Number
·
Weight: 6.6 grams (approximate)
Characteristic
Symbol
GBU
6005
GBU
601
GBU
602
GBU
604
GBU
606
GBU
608
GBU
610
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Current (Note 1) @ TC = 100
°C
I(AV)
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
175
A
Forward Voltage (per element)
@ IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IR
5.0
500
mA
I2t Rating for Fusing (t < 8.3ms) (Note 2)
I2t
127
A2s
Typical Total Capacitance per Element (Note 3)
CT
100
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
2.2
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
GBU
Dim
Min
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
F
1.95
2.35
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
3.2 X 45
°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
All Dimensions in mm
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500 VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 175A Peak
·
Ideal for Printed Circuit Board Applications
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Lead Free Finish, RoHS Compliant (Note 4)


Similar Part No. - GBU604

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU604 SECOS-GBU604 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBU604 DIODES-GBU604 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
Shenzhen Luguang Electr...
GBU604 LUGUANG-GBU604 Datasheet
193Kb / 2P
   Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
logo
Bruckewell Technology L...
GBU604 BWTECH-GBU604 Datasheet
285Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBU604 JUXING-GBU604 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - GBU604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com