Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1510-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBJ1510-F
Description  15A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBJ1510-F Datasheet(HTML) 1 Page - Diodes Incorporated

  GBJ1510-F Datasheet HTML 1Page - Diodes Incorporated GBJ1510-F Datasheet HTML 2Page - Diodes Incorporated GBJ1510-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21219 Rev. 7 - 2
1 of 3
GBJ15005 - GBJ1510
www.diodes.com
ã Diodes Incorporated
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 240A Peak
·
Ideal for Printed Circuit Board Applications
·
UL Listed Under Recognized Component Index, File
Number E94661
·
Lead Free Finish/RoHS Compliant (Note 4)
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
GBJ15005 - GBJ1510
15A GLASS PASSIVATED BRIDGE RECTIFIER
·
Case: GBJ
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Plated Leads, Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Tin Finish).
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Marking: Type Number
·
Weight: 6.6 grams (approximate)
Mechanical Data
GBJ
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm copper plate heat sink.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Features
Characteristic
Symbol
GBJ
15005
GBJ
1501
GBJ
1502
GBJ
1504
GBJ
1506
GBJ
1508
GBJ
1510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current
@ TC = 100°C
IO
15
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
IFSM
240
A
Forward Voltage (per element)
@ IF = 7.5A DC
VFM
1.05
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
240
A2s
Typical Total Capacitance per Element (Note 2)
CT
60
pF
Typical Thermal Resistance, Junction to Case (Note 3)
RqJC
0.8
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
SPICE MODELS: GBJ15005 GBJ1501 GBJ1502 GBJ1504 GBJ1506 GBJ1508 GBJ1510


Similar Part No. - GBJ1510-F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ1510-BP MCC-GBJ1510-BP Datasheet
108Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ1510-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com