Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMZ7 Datasheet(PDF) 3 Page - Rohm

Part # EMZ7
Description  General purpose transistor (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMZ7 Datasheet(HTML) 3 Page - Rohm

  EMZ7 Datasheet HTML 1Page - Rohm EMZ7 Datasheet HTML 2Page - Rohm EMZ7 Datasheet HTML 3Page - Rohm EMZ7 Datasheet HTML 4Page - Rohm EMZ7 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMZ7 / UMZ7N
Transistors
Rev.A
3/4
Electrical characteristic curves
Tr1 (NPN)
0
1
10
BASE TO EMITTER VOLTAGE : VBE(V)
Fig.1 Grounded emitter propagation
characteristics
100
0.5
1.0
1.5
VCE=2V
1000
2
5
20
50
200
500
1
2
5
10 20
50 100 200 500
COLLECTOR CURRENT : IC(mA)
Fig.2 DC current gain vs.
collector current
10
1000
20
50
100
200
500
1000
Ta
=125°C
5
2
1
VCE=2V
25
°C
−40°C
1
2
5
10
20
50
100
200
IC/IB=20
1
2
5
10 20
50 100 200 5001000
Ta
=125°C
500
1000
25
°C
−40°C
COLLECTOR CURRENT : IC(mA)
Fig.3 Collector-emitter saturation voltage
vs. collector current (
Ι )
1
2
5
10
20
50
100
200
Ta
=25°C
1
2
5
10 20
50 100 200 5001000
COLLECTOR CURRENT : IC (mA)
IC/IB
=50
500
1000
20
10
Fig.4 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
10
20
50
100
200
500
1000
2000
IC/IB
=20
1
2
5
10 20
50 100 200 5001000
Ta
=−40°C
5000
10000
25
°C
125
°C
COLLECTOR CURRENT : IC (mA)
Fig.5 Base-emitter saturation voltage
vs. collector current
2
1
5
10 20
50 100 200 5001000
1
2
5
10
20
50
100
200
500
1000
Ta
=25˚C
VCE
=2V
COLLECTOR TO BASE VOLTAGE : VCB (V)
Pulsed
Fig.6 Collector output capacitance
Emitter input capacitance
vs. base voltage
0.2
0.1
0.5 1
2
5
10 20
50 100
1
2
5
10
20
50
100
200
500
1000
Ta
=25
°C
IE=0A
f
=1MHz
EMITTER TO BASE VOLTAGE : VEB (V)
Cib
Cob
Fig.7 Collector output capacitance
vs collector-base voltage
Emitter input capacitance
vs emitter-base voltage


Similar Part No. - EMZ7

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7 Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
More results

Similar Description - EMZ7

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
   General purpose transistor (dual transistors)
IMZ4 ROHM-IMZ4 Datasheet
94Kb / 5P
   General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
   General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com