Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2010 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # GBJ2010
Description  20A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBJ2010 Datasheet(HTML) 2 Page - Diodes Incorporated

  GBJ2010 Datasheet HTML 1Page - Diodes Incorporated GBJ2010 Datasheet HTML 2Page - Diodes Incorporated GBJ2010 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS21220 Rev. 8 - 2
2 of 3
GBJ20005-GBJ2010
www.diodes.com
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics (per element)
F
100
T= 25°C
j
100
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
150
250
0
200
Single half-sine-wave
T= 25°C
j
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance, Per Element
R
f=1MHz
T= 25°C
j
0.1
1.0
10
100
1000
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T= 50°C
j
T = 125°C
j
T = 100°C
j
T= 25°C
j
0
5
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
10
15
20
25
Without heatsink
With heatsink
Resistive or
Inductive load


Similar Part No. - GBJ2010

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2010 DIODES-GBJ2010 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Chongqing Pingwei Enter...
GBJ2010 CHONGQING-GBJ2010 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBJ2010 HY-GBJ2010 Datasheet
422Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ2010 MCC-GBJ2010 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
GBJ2010 SMC-GBJ2010 Datasheet
128Kb / 4P
   Low forward voltage drop
More results

Similar Description - GBJ2010

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ20005 SY-GBJ20005 Datasheet
557Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D20SB05 ZSELEC-D20SB05 Datasheet
93Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com