Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4743A-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N4743A-T
Description  1.0W ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4743A-T Datasheet(HTML) 1 Page - Diodes Incorporated

  1N4743A-T Datasheet HTML 1Page - Diodes Incorporated 1N4743A-T Datasheet HTML 2Page - Diodes Incorporated 1N4743A-T Datasheet HTML 3Page - Diodes Incorporated 1N4743A-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS18007 Rev. 16 - 2
1 of 4
1N4728A - 1N4761A
www.diodes.com
ã Diodes Incorporated
1N4728A - 1N4761A
1.0W ZENER DIODE
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZ
Pd / VZ
mA
Power Dissipation
Derate Above 50°C
(Note 1)
Pd
1.0
6.67
W
mW/°C
Thermal Resistance - Junction to Ambient Air
RqJA
175
°C/W
Forward Voltage @ IF = 200 mA
VF
1.2
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to + 175
°C
Note:
1.
Valid provided that leads are kept at TL @ 50°C with lead length = 9.5mm (3/8”) from case.
2. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable,
see EU Directive Annex Notes 5 and 7.
Maximum Ratings
Mechanical Data
·
1.0 Watt Power Dissipation
·
3.3V - 75V Nominal Zener Voltage
·
Standard VZ Tolerance is 5%
·
Lead Free Finish, RoHS Compliant (Note 2)
·
Case: DO-41
·
Case Material: Glass. UL Flammability Classification Rating
94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Sn96.5Ag3.5. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approximate)
A
A
B
C
D
DO-41 Glass
Dim
Min
Max
A
26.0
B
4.10
C
0.86
D
2.60
All Dimensions in mm
Features
@ TA = 25°C unless otherwise specified
SPICE MODELS: 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A
1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A
1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A
1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A


Similar Part No. - 1N4743A-T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4743A-G PANJIT-1N4743A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4743A-G PANJIT-1N4743A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4743A-G COMCHIP-1N4743A-G Datasheet
125Kb / 6P
   Glass passivated chip.
logo
Frontier Electronics.
1N4743A-LFR FRONTIER-1N4743A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
More results

Similar Description - 1N4743A-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com