Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5230B-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5230B-7-F
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5230B-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5230B-7-F Datasheet HTML 1Page - Diodes Incorporated MMBZ5230B-7-F Datasheet HTML 2Page - Diodes Incorporated MMBZ5230B-7-F Datasheet HTML 3Page - Diodes Incorporated MMBZ5230B-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS18011 Rev. 16 - 2
2 of 4
MMBZ5221B - MMBZ5259B
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
4. Short duration test pulse used to minimize self-heating effect.
5. f = 1KHz.
Date Code Key
XXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
J
K
L
M
N
P
R
S
T
U
V
W
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Maximum Zener
Impedance (Note 5)
Maximum Reverse
Leakage Current (Note 4)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
W
m
A
V
MMBZ5221B
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5222B
KC2
2.5
2.38
2.63
20
30
1200
100
1.0
MMBZ5223B
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225B
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226B
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227B
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228B
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229B
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230B
KG5/8E
4.7
4.4 7
4.94
20
19
1900
5.0
2.0
MMBZ5231B
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232B
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233B
KE3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234B
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235B
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236B
KF1/8L
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237B
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238B
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239B
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240B
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241B
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242B
KH2/8S
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243B
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5244B
KH4
14
13.30
14.70
9.0
15
600
0.1
10
MMBZ5245B
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246B
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248B
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250B
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251B
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252B
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254B
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255B
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256B
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257B
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258B
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259B
KM4
39
37.05
40.95
3.2
80
800
0.1
30


Similar Part No. - MMBZ5230B-7-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5230B PANJIT-MMBZ5230B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5230B SKTECHNOLGY-MMBZ5230B Datasheet
856Kb / 3P
   Planar Die Construction
logo
TAITRON Components Inco...
MMBZ5230B TAITRON-MMBZ5230B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5230B DIODES-MMBZ5230B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5230B FAIRCHILD-MMBZ5230B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5230B-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com