Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6K1 Datasheet(PDF) 3 Page - Rohm

Part # EM6K1
Description  2.5V Drive NchNch MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EM6K1 Datasheet(HTML) 3 Page - Rohm

  EM6K1_1 Datasheet HTML 1Page - Rohm EM6K1_1 Datasheet HTML 2Page - Rohm EM6K1_1 Datasheet HTML 3Page - Rohm EM6K1_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EM6K1
Transistor
Rev.C
3/3
−50
0
25
150
0
3
6
9
CHANNEL TEMPERATURE : Tch (
°C)
−25
50
75
100 125
2
1
4
5
7
8
VGS=4V
Pulsed
ID=100mA
ID=50mA
Fig.7 Static Drain-Source On-State
Resistance vs.
Channel Temperature
0.0001
0.001
0.01
0.02
0.5
DRAIN CURRENT : ID
(A)
0.005
0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05
0.05
0.1
0.2
0.1
0.2
0.5
0.002
VDS
=3V
Pulsed
Ta=
−25
°C
75
°C
25
°C
125
°C
Fig.8 Forward Transfer Admittance
vs. Drain Current
200m
SOURCE-DRAIN VOLTAGE : VSD
(V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
VGS
=0V
Pulsed
Ta=125
°C
75
°C
25
°C
−25
°C
Fig.9 Reverse Drain Current vs.
Source-Drain Voltage (
Ι)
200m
SOURCE-DRAIN VOLTAGE : VSD
(V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta=25
°C
Pulsed
VGS
=4V
0V
Fig.10 Reverse Drain Current vs.
Source-Drain Voltage (
ΙΙ)
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS
(V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Ciss
Coss
Crss
Ta
=25
°C
f=1MHZ
VGS=0V
Pulsed
Fig.11 Typical Capacitance vs.
Drain-Source Voltage
0.1
10
20
500
DRAIN CURRENT : ID
(mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Ta
=25
°C
VDD=5V
VGS=5V
RG=10
td(off)
tr
td(on)
tf
Fig.12 Switching Characteristics
Switching characteristics measurement circuits
Fig.13 Switching Time Test Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse Width
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching Time Waveforms


Similar Part No. - EM6K1_1

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K18000 ROHM-EM6K18000 Datasheet
85Kb / 4P
   Small switching (30V, 0.1A)
EM6K1T2R ROHM-EM6K1T2R Datasheet
85Kb / 4P
   Small switching (30V, 0.1A)
More results

Similar Description - EM6K1_1

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com