Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62KN212LR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC62KN212LR
Description  Negative Voltage Regulaters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN212LR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC62KN212LR Datasheet HTML 1Page - Torex Semiconductor XC62KN212LR Datasheet HTML 2Page - Torex Semiconductor XC62KN212LR Datasheet HTML 3Page - Torex Semiconductor XC62KN212LR Datasheet HTML 4Page - Torex Semiconductor XC62KN212LR Datasheet HTML 5Page - Torex Semiconductor XC62KN212LR Datasheet HTML 6Page - Torex Semiconductor XC62KN212LR Datasheet HTML 7Page - Torex Semiconductor XC62KN212LR Datasheet HTML 8Page - Torex Semiconductor XC62KN212LR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
527
XC62K
Series
MARK
PRODUCT SERIES
K
XC62KNxx0xDx
MARK
POLARITY
PRODUCT SERIES
N
(Negative)
XC62KNxx0xDx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC62KN330xDx
5
0
5.0
XC62KN500xDx
MARK
TEMPERATURE
CHARACTERISTICS
PRODUCT SERIES
0
+ 100 ppm (TYP.)
XC62KNxx0xDx
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-12.0
V
Output Current
IOUT
200
mA
Output Voltage
VOUT
-VDD-0.3~VIN+0.3
V
SOT-23
150
SOT-89
500
TO-92
300
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
-30 ~ +80
Storage Temperature Range
Tstg
-40 ~ +125
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
USP-6B
Ta=25℃
USP-6B
(TOP VIEW)
MARKING RULE (Continued)
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
Represents production series
③④
Represents output voltage (ex.)
Represents polarity of output voltage
Represents temperature characteristics
Note: Please ensure that IOUT is less than Pd/(VOUT-VIN).


Similar Part No. - XC62KN212LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN2101DB TOREX-XC62KN2101DB Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DH TOREX-XC62KN2101DH Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DL TOREX-XC62KN2101DL Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DR TOREX-XC62KN2101DR Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101LB TOREX-XC62KN2101LB Datasheet
1Mb / 17P
   Negative Voltage Regulators
More results

Similar Description - XC62KN212LR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com