Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62HR3002DR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62HR3002DR
Description  Positive Voltage Regulators (Output ON/OFF)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR3002DR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62HR3002DR Datasheet HTML 1Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 2Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 3Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 4Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 5Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 6Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 7Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 8Page - Torex Semiconductor XC62HR3002DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
508
XC62H Series
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
0.x
0
0.x
1
1.x
1
1.x
2
2.x
2
2.x
3
3.x
3
3.x
4
4.x
4
4.x
5
5.x
5
5.x
6
6.x
6
6.x
7
7.x
7
7.x
8
8.x
8
8.x
9
9.x
9
9.x
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
x.0
0
x.0
1
x.1
1
x.1
2
x.2
2
x.2
3
x.3
3
x.3
4
x.4
4
x.4
5
x.5
5
x.5
6
x.6
6
x.6
7
x.7
7
x.7
8
x.8
8
x.8
9
x.9
9
x.9
MARKING RULE
SOT-25, SOT-89-5
③ ④
12
3
54
SOT-25
(TOP VIEW)
Represents integer of the output voltage
Represents decimal number of the output voltage
Based on internal standards
Represents assembly lot number.
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
BLOCK DIAGRAM
52
4
12
3
SOT-89-5
(TOP VIEW)


Similar Part No. - XC62HR3002DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR3002DR TOREX-XC62HR3002DR Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HR3002DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
0203_XC62G TOREX-0203_XC62G Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com