Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC25005 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBPC25005
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBPC25005 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBPC25005 Datasheet HTML 1Page - Diodes Incorporated GBPC25005 Datasheet HTML 2Page - Diodes Incorporated GBPC25005 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21209 Rev. 9 - 2
1 of 3
GBPC25005/W - GBPC2510/W
www.diodes.com
ã Diodes Incorporated
GBPC25005/W - GBPC2510/W
25A GLASS PASSIVATED BRIDGE RECTIFIER
Features
GBPC-W
C
A
G
E
B
H
(AC)
(AC)
(+)
( - )
H
J
A
C
K
A
M
B
H
H
L
P
A
P
(AC)
(AC)
( - )
( + )
GBPC
“W” Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
GBPC / GBPC-W
Dim
Min
Max
A
28.30
28.80
B
7.40
8.25
C
16.10
17.10
E
18.80
21.30
G
13.80
14.80
H
Hole for #10 screw
5.08Æ
5.59Æ
J
17.60
18.60
K
10.90
11.90
L
0.97Æ
1.07Æ
M
31.80
¾
P
17.60
18.60
All Dimensions in mm
Mechanical Data
·
Glass Passivated Die Construction
·
Low Reverse Leakage Current
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 300A Peak
·
Metal Base for Maximum Heat Dissipation
·
Case to Terminal Isolation Voltage 1500V
·
UL Listed Under Recognized Component Index,
File Number E94661
·
Lead Free Finish, RoHS Compliant (Note 4)
·
Case: GBPC / GBPC-W
·
Case Material: Molded Plastic with Heatsink Internally
Mounted in the Bridge Encapsulation. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Silver. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Case
·
Mounting: Through Hole for #10 Screw
·
Mounting Torque: 8.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Type Number
·
GBPC Weight: 20 grams (approximate)
·
GBPC-W Weight: 14 grams (approximate)
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol GBPC25
005/W
GBPC25
01/W
GBPC25
02/W
GBPC25
04/W
GBPC25
06/W
GBPC25
08/W
GBPC25
10/W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 60°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated
IFSM
300
A
Forward Voltage (per element)
@ IF = 12.5A
VFM
1.1
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
5.0
500
m
A
I2t Rating for Fusing
(Note 1)
I2t
374
A2s
Typical Total Capacitance
(Note 2)
CT
300
pF
Typical Thermal Resistance per leg
(Note 3)
RqJC
1.3
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Non-repetitive, for t > 1.0ms and t < 8.3ms.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to case mounted on heatsink.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.


Similar Part No. - GBPC25005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
Fairchild Semiconductor
GBPC25005 FAIRCHILD-GBPC25005 Datasheet
177Kb / 4P
   Bridge Rectifiers (Glass Passivated)
logo
RFE international
GBPC25005 RFE-GBPC25005 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
Surge Components
GBPC25005 SURGE-GBPC25005 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
GBPC25005 SMC-GBPC25005 Datasheet
125Kb / 4P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
More results

Similar Description - GBPC25005

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005 Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
Shanghai Shunye Electro...
GBJ25005 SHUNYE-GBJ25005 Datasheet
96Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com